Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UFZ34L-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UFZ34L-TN3-R
Description  28A, 60V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UFZ34L-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UFZ34L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UFZ34L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UFZ34L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UFZ34L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UFZ34L-TN3-R Datasheet HTML 5Page - Unisonic Technologies UFZ34L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UFZ34
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-900-.a
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
60
V
Drain-Source Leakage Current
IDSS
VDS=60V, VGS=0V
25
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+20V, VDS=0V
+100
nA
Reverse
VGS=-20V, VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.0
4.0
V
Static Drain-Source On-State Resistance
(Note 2)
RDS(ON)
VGS=10V, ID=17A
0.042
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
680
pF
Output Capacitance
COSS
220
pF
Reverse Transfer Capacitance
CRSS
80
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VGS=10V, VDS=48V, ID=17A
(Note 4)
30
nC
Gate to Source Charge
QGS
6.7
nC
Gate to Drain Charge
QGD
12
nC
Turn-ON Delay Time
tD(ON)
VDD=30V, ID=17A, RG=13Ω,
RD=1.8Ω (Note 2)
5.1
ns
Rise Time
tR
30
ns
Turn-OFF Delay Time
tD(OFF)
22
ns
Fall-Time
tF
30
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous
Current
IS
28
A
Maximum Body-Diode Pulsed Current
(Note 1)
ISM
100
A
Drain-Source Diode Forward Voltage
(Note 2)
VSD
TJ=25°C, IS=17A, VGS=0V
1.3
V
Body Diode Reverse Recovery Time
tRR
TJ=25°C, IF=17A,
di/dt=100A/µs
63
95
ns
Body Diode Reverse Recovery Charge
(Note 2)
QRR
130
200
nC
Forward Turn-On Time
tON
Intrinsic turn-on time is negligible
(turn-on is dominated by LS+LD)
Notes: 1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Pulse width≤300µs, Duty cycle≤2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com