Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UF624ZG-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UF624ZG-TN3-R
Description  4.4A, 250V N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF624ZG-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UF624ZG-TN3-R Datasheet HTML 1Page - Unisonic Technologies UF624ZG-TN3-R Datasheet HTML 2Page - Unisonic Technologies UF624ZG-TN3-R Datasheet HTML 3Page - Unisonic Technologies UF624ZG-TN3-R Datasheet HTML 4Page - Unisonic Technologies UF624ZG-TN3-R Datasheet HTML 5Page - Unisonic Technologies UF624ZG-TN3-R Datasheet HTML 6Page - Unisonic Technologies UF624ZG-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UF624Z
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-856.b
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
250
V
Breakdown Voltage Temperature Coefficient △BVDSS △
/TJ Reference to 25°C, ID=1mA
0.36
V/°C
Drain-Source Leakage Current
IDSS
VDS=250V, VGS=0V
25
µA
VDS=200V, VGS=0V , TJ=125°C
250
µA
Gate-Source Leakage Current
IGSS
VGS=+20V, VDS=0V
±10
µA
VGS=-20V, VDS=0V
±10
µA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=2.6A (Note 2)
1.1
Ω
Forward Transconductance
gFS
VDS=50V, ID=2.6A (Note 2)
1.5
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
260
pF
Output Capacitance
COSS
77
pF
Reverse Transfer Capacitance
CRSS
15
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VGS=10V, VDS=50V, ID=1.3A
IG=100μA
18
nC
Gate to Source Charge
QGS
6
nC
Gate to Drain Charge
QGD
4
nC
Turn-ON Delay Time
tD(ON)
VDD=30V, ID=0.5A, RG=25Ω
28
ns
Rise Time
tR
145
ns
Turn-OFF Delay Time
tD(OFF)
90
ns
Fall-Time
tF
170
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
4.4
A
Maximum Body-Diode Pulsed Current
(Note 1)
ISM
14
A
Drain-Source Diode Forward Voltage
VSD
TJ=25°C, IS=4.4A, VGS=0V
(Note 2)
1.8
V
Body Diode Reverse Recovery Time
tRR
TJ=25°C, IF=4.4A,
dI/dt=100A/µs (Note 2)
200 400
ns
Body Diode Reverse Recovery Charge
QRR
0.93 1.9
µC
Notes:1. Repetitive rating; pulse width limited by maximum junction temperature.
2. Pulse width≤300µs; duty cycle≤2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com