Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CR03AM-16L-D-T92-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # CR03AM-16L-D-T92-R
Description  THYRISTOR LOW POWER USE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CR03AM-16L-D-T92-R Datasheet(HTML) 2 Page - Unisonic Technologies

  CR03AM-16L-D-T92-R Datasheet HTML 1Page - Unisonic Technologies CR03AM-16L-D-T92-R Datasheet HTML 2Page - Unisonic Technologies CR03AM-16L-D-T92-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CR03AM-16
Preliminary
SCR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R301-023.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Repetitive Peak Reverse Voltage
VRRM
800
V
Non-Repetitive Peak Reverse Voltage
VRSM
960
V
DC Reverse Voltage
VR(DC)
640
V
Repetitive Peak Off-State Voltage (Note 1)
VDRM
800
V
Non-Repetitive Peak Off-State Voltage (Note 1)
VDSM
960
V
DC Off-State Voltage (Note 1)
VD(DC)
640
V
RMS On-State Current
IT(RMS)
0.47
A
Average On-State Current
Commercial Frequency, Sine Half
Wave 180° Conduction, TA=62°C
IT(AV)
0.3
A
Surge On-State Current
60 Hz Sine Half Wave, 1 Full Cycle,
Peak Value, Non-Repetitive
ITSM
20
A
I
2t for Fusing
Value Corresponding to 1 Cycle of
Half Wave 60Hz, Surge On-State
Current
I
2t
1.6
A
2s
Peak Gate Power Dissipation
PGM
0.5
W
Average Gate Power Dissipation
PG(AV)
0.1
W
Peak Gate Forward Voltage
VFGM
6
V
Peak Gate Reverse Voltage
VRGM
6
V
Peak Gate Forward Current
IFGM
0.3
A
Mass (Typical Value)
0.23
g
Operating Junction Temperature
TJ
-40~+125
°C
Storage Temperature
TSTG
-40~+125
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. With gate to cathode resistance RGK=1kΩ
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
180
°C/W
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Repetitive Peak Reverse Current
IRRM
TJ=125°C, VRRM Applied
0.1
mA
Repetitive Peak Off-State Current
IDRM
TJ=125°C, VDRM Applied,
RGK=1kΩ
0.1
mA
On-State Voltage
VTM
TJ=25°C, ITM=4A
Instantaneous Value
1.8
V
Gate Trigger Voltage
VGT
TJ=25°C, VD=6V, IT=0.1A
(Note 1)
0.8
V
Gate Non-Trigger Voltage
VGD
TJ= 125°C, VD=1/2VDRM
RGK=1kΩ
0.2
V
Gate Trigger Current (Note 1)
IGT
TJ=25°C, VD=6V, IT=0.1A
(Note 1)
1
100
µA
Holding Current
IH
TJ=25°C, VD=12V, RGK=1kΩ
3
mA
Note: 1. If special values of IGT are required, choose item D or E from those listed in the table below if possible.
CLASSIFICATION OF IGT
RANK
D
E
IGT
1~50
20~100
The above values do not include the current flowing through the 1kΩ resistance between the gate and cathode.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com