Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MGBR5S45L-T27-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MGBR5S45L-T27-R
Description  MOS GATED BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MGBR5S45L-T27-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MGBR5S45L-T27-R Datasheet HTML 1Page - Unisonic Technologies MGBR5S45L-T27-R Datasheet HTML 2Page - Unisonic Technologies MGBR5S45L-T27-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MGBR5S45
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-206.b
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VRM
45
V
Working Peak Reverse Voltage
VRWM
45
V
Peak Repetitive Reverse Voltage
VRRM
45
V
RMS Reverse Voltage
VR(RMS)
35
V
Average Rectified Output Current
TC=140°C
IO
5
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
120
A
Operating Junction Temperature
TJ
-65~+150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-277
θJA
73
°C/W
SMC
75
Junction to Case
TO-277
θJC
13
°C/W
SMC
35
ELECTRICAL CHARACTERISTICS (TA =25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage (Note 1)
V(BR)R
IR=0.5mA
45
V
Instantaneous Forward Voltage
VFM
IF=5A, TJ=25°C
0.48
V
IF=5A, TJ=125°C
0.44
V
Leakage Current (Note 1)
IRM
VR=45V, TJ=25°C
500
μA
VR=45V, TJ=125°C
100
mA
Notes: 1. Short duration pulse test used to minimize self-heating effect.
2. Thermal resistance junction to case mounted on heatsink.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com