Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZT52B5V6SL-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BZT52B5V6SL-AE3-R
Description  SURFACE MOUNT SILICON ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BZT52B5V6SL-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  BZT52B5V6SL-AE3-R Datasheet HTML 1Page - Unisonic Technologies BZT52B5V6SL-AE3-R Datasheet HTML 2Page - Unisonic Technologies BZT52B5V6SL-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BZT52B5V6S
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R601-065.F
SURFACE MOUNT SILICON
ZENER DIODE
DESCRIPTION
The UTC BZT52B5V6S is a surface mount silicon Zener Diode
using UTC’s advanced technology to provide customers with low
power dissipation.
The UTC BZT52B5V6S is universally applied in Automated
Assembly Processes.
FEATURES
* Low Power Dissipation: 200mW
* Zener Voltage (Typically 5.6V)
* Planar Die construction
SYMBOL
SOT-23
SOD-323
SOT-23
(JEDEC TO-236)
1
3
2
SOD-323
1
2
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
BZT52B5V6SL-AE3-R
BZT52B5V6SG-AE3-R
SOT-23
K1
K2
A
Tape Reel
BZT52B5V6SL-CB2-R
BZT52B5V6SG-CB2-R
SOD-323
A
K
-
Tape Reel
Note: Pin Assignment: A: Anode, K: Cathode
(1) R: Tape Reel
(2) AE3: SOT-23, CB2 : SOD-323
(3) L: Lead Free, G: Halogen Free
BZT52B5V6SL-AE3-R
(1)Packing Type
(2)Package Type
(3)Lead Free
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOD-323
5.6: 5.6V


Similar Part No. - BZT52B5V6SL-AE3-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B5V6S TSC-BZT52B5V6S Datasheet
135Kb / 3P
200mW, 2% Tolerance SMD Zener Diode
logo
Rectron Semiconductor
BZT52B5V6S RECTRON-BZT52B5V6S Datasheet
233Kb / 3P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
logo
Taiwan Semiconductor Co...
BZT52B5V6S TSC-BZT52B5V6S Datasheet
238Kb / 6P
200mW, 2% Tolerance SMD Zener Diode
logo
Jiangsu Changjiang Elec...
BZT52B5V6S JIANGSU-BZT52B5V6S Datasheet
775Kb / 5P
ZENER DIODE
logo
Diode Semiconductor Kor...
BZT52B5V6S DSK-BZT52B5V6S Datasheet
252Kb / 4P
Surface mount zener diode
More results

Similar Description - BZT52B5V6SL-AE3-R

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
SURFACE MOUNT SILICON ZENER DIODE
1SMC5348 TRSYS-1SMC5348 Datasheet
275Kb / 5P
SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926 Datasheet
62Kb / 4P
Surface Mount Silicon Zener Diode
logo
Pan Jit International I...
1SMA4736 PANJIT-1SMA4736_09 Datasheet
478Kb / 5P
SURFACE MOUNT SILICON ZENER DIODE
1SMB5921 PANJIT-1SMB5921_09 Datasheet
128Kb / 5P
SURFACE MOUNT SILICON ZENER DIODE
logo
Unisonic Technologies
SMA5V UTC-SMA5V Datasheet
125Kb / 3P
SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4_15 Datasheet
498Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE
CMSZ5221B CENTRAL-CMSZ5221B_15 Datasheet
490Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA5921 PANJIT-1SMA5921_15 Datasheet
183Kb / 7P
SURFACE MOUNT SILICON ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com