Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NASE331M16V10X105LBF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NASE331M16V10X105LBF
Description  Surface Mount Aluminum Electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NASE331M16V10X105LBF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NASE331M16V10X105LBF Datasheet HTML 1Page - NIC-Components Corp. NASE331M16V10X105LBF Datasheet HTML 2Page - NIC-Components Corp. NASE331M16V10X105LBF Datasheet HTML 3Page - NIC-Components Corp. NASE331M16V10X105LBF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
8
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Frequency
50/60Hz
120Hz
500Hz
1KHz
10KHz
1
μF
0.5
1.00
1.20
1.30
1.50
2.2~4.7
μF
0.65
1.00
1.20
1.30
1.50
10~47
μF
0.80
1.00
1.20
1.30
1.50
100~1000
μF
0.80
1.00
1.10
1.15
1.20
RIPPLE CURRENT FREQUENCY CORRECTION FACTORS
Surface Mount Aluminum Electrolytic Capacitors NASE Series
Diameter
Time above
217°C
Peak Temperature
5 seconds
4 ~ 6.3mm
φ
60 sec. max.
260°C
8 ~ 10mm
φ
60 sec. max.
250°C
PEAK REFLOW TEMPERATURE AND DURATION
Time Above 217°C
(see table)
50
100
150
200
Time (Seconds)
Preheat - 120 seconds max.
(150°C ~ 180°C)
Peak Temperature
(see table)
230
Case Size
a
b
c
4x5.5
1.0
2.6
1.8
5x5.5
1.4
3.0
1.8
6x3x5.5
6.3x8
2.1
3.5
1.8
8x10.5
2.8
4.1
2.1
10x10.5
4.3
4.4
2.2
a
c
b
RECOMMENDED LAND PATTERN DIMENSIONS (mm)
Review & Compare Reflow Soldering Heat Limits
V-chip SMT Aluminum Electrolytic Capacitors
www.niccomp.com/RSL
Capacitors can withstand two times reflow at the above conditions.
Second reflow shall be at least one hour after natural cool to room
temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com