Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSNL2010 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CSNL2010
Description  Metal Foil Current Sensing Chip Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSNL2010 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CSNL2010 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSNL2010 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSNL2010 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev Date: 05/28/2013
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSNL Series
Metal Foil Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
CSNL1206
1/2
1W @ 80ºC
200V
±50 ppm/ºC
0.001 - 0.05
CSNL2010
1
1.5W @ 80ºC
200V
±50 ppm/ºC
0.0005 - 0.1
CSNL2512
2
2W @ 70ºC
200V
±50 ppm/ºC
0.0005 - 0.01
Ohmic Range (Ω) and Tolerance
1%, 5%
Type / Code
Old Pkg
Code
Dielectric
Withstanding Voltage
Resistance Temperature
Coefficient
Power Rating
(Watts)
Test
Test Method
Test Specification
Typical
MIL-STD-502F-Method 108A
RCWV at 70°C; 1.5h ON; 0.5h OFF
Total 1024 ± 24h
MIL-STD-202F-Method 210E
260 ± 5°C for 10 ± 1s
MIL-STD-202F-Method 208H
245 ± 5°C for 2 ± 0.5s
MIL-STD-202F-Method 107G
-55°C to 150°C, 100 cycles
JIS-C-5202-5.5
5x rated power for 5s
JIS-C-5202-7.4
-55°C: 30 min. 25°C: 2 to 3 min.
155°C: 30min. 25°C: 2 to 3 min.
Moisture Resistance
MIL- STD-202F-Method 106G
± 0.5%
≤ 0.5%
MIL-STD-202F-Method 302
Apply 100Vdc for 1 minute
Leach Resistance
-
90 seconds minimum
≥ 90 seconds
Operating Temperature Range: -55
°C to +170°C
Temperature Cycling
± 0.5%
≤ 0.5%
Insulation Resistance
1M
Ω minimum
≥ 1MΩ
Thermal Shock
± 0.5%
≤ 0.5%
Short Time Overload
± 0.5%
≤ 0.5%
Solderability
minimum 95% coverage
> 95%
Load Life
± 0.5%
≤ 1%
Resistance to Soldering Heat
± 0.5%
≤ 0.25%
Features:
•
High power current sense resistor
•
TCR of ±50 ppm/
°C
•
Resistances down to 0.0005 (1/2 mΩ)
•
Current handling up to 63 amps
•
Non-standard resistance values available
•
RoHS compliant / lead-free
Electrical Specifications
Performance Characteristics


Similar Part No. - CSNL2010

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
CSNL2010 SEI-CSNL2010 Datasheet
361Kb / 6P
Metal Plate Current Sensing Chip Resistor
10/22/2020
CSNL2010FT10L0 SEI-CSNL2010FT10L0 Datasheet
361Kb / 6P
Metal Plate Current Sensing Chip Resistor
10/22/2020
CSNL2010FT1L00 SEI-CSNL2010FT1L00 Datasheet
361Kb / 6P
Metal Plate Current Sensing Chip Resistor
10/22/2020
CSNL2010FTL500 SEI-CSNL2010FTL500 Datasheet
361Kb / 6P
Metal Plate Current Sensing Chip Resistor
10/22/2020
CSNL2010FTR100 SEI-CSNL2010FTR100 Datasheet
361Kb / 6P
Metal Plate Current Sensing Chip Resistor
10/22/2020
More results

Similar Description - CSNL2010

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NCLS NIC-NCLS Datasheet
276Kb / 6P
Metal Foil Current Sensing Chip Resistors
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
Current Sensing Metal Chip Resistor
logo
Bourns Electronic Solut...
CFN BOURNS-CFN Datasheet
464Kb / 5P
Metal Foil, Current Sense Resistor
CFN0402A BOURNS-CFN0402A Datasheet
591Kb / 6P
CFN-A Series Metal Foil, Current Sensing Chip Resistor
CFN-A BOURNS-CFN-A Datasheet
591Kb / 6P
CFN-A Series Metal Foil, Current Sensing Chip Resistor
logo
Stackpole Electronics, ...
CSRF SEI-CSRF Datasheet
452Kb / 11P
Foil on Ceramic Current Sensing Chip Resistor
6/28/2022
CSNL SEI-CSNL Datasheet
361Kb / 6P
Metal Plate Current Sensing Chip Resistor
10/22/2020
CSNL2512-3W SEI-CSNL2512-3W Datasheet
327Kb / 5P
Metal Plate Current Sensing Chip Resistor
4/18/2022
CSS SEI-CSS Datasheet
530Kb / 13P
Ultra-precision Metal Alloy Current Sensing Chip Resistor
7/29/2022
logo
Eaton All Rights Reserv...
MFSA EATON-MFSA Datasheet
722Kb / 7P
SMD current sensing resistor-metal foil
June 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com