Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UMMSZ52XXBL-CB2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UMMSZ52XXBL-CB2-R
Description  SURFACE MOUNT SILICON ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UMMSZ52XXBL-CB2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UMMSZ52XXBL-CB2-R Datasheet HTML 1Page - Unisonic Technologies UMMSZ52XXBL-CB2-R Datasheet HTML 2Page - Unisonic Technologies UMMSZ52XXBL-CB2-R Datasheet HTML 3Page - Unisonic Technologies UMMSZ52XXBL-CB2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UMMSZ52XXB
Preliminary
ZENER DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R601-085.d
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-23-3
3.9: 3.9V
5.1: 5.1V
6.2: 6. 2V
8.2: 8.2V
15:15V
18: 18V
20: 20V
22: 22V
33:33V
XXXB
L: Lead Free
G: Halogen Free
Voltage Code
SOD-123
SOD-323
SOD-523



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com