Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NSP121M2D2XATRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NSP121M2D2XATRF
Description  Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSP121M2D2XATRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NSP121M2D2XATRF Datasheet HTML 1Page - NIC-Components Corp. NSP121M2D2XATRF Datasheet HTML 2Page - NIC-Components Corp. NSP121M2D2XATRF Datasheet HTML 3Page - NIC-Components Corp. NSP121M2D2XATRF Datasheet HTML 4Page - NIC-Components Corp. NSP121M2D2XATRF Datasheet HTML 5Page - NIC-Components Corp. NSP121M2D2XATRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Specialty Polymer Solid Aluminum
Electrolytic Capacitors
NSP Series
CHARACTERISTICS
STANDARD PRODUCTS AND SPECIFICATIONS
FEATURES
• NEW “X”, “Y”, "Z", "U" & "V" TYPE HIGH RIPPLE CURRENT/VERY LOW ESR
• REPLACES MULTIPLE TANTALUM CHIPS IN HIGH
CURRENT POWER SUPPLIES AND VOLTAGE REGULATORS
• FITS EIA (7343) “D” AND “E” TANTALUM CHIP LAND PATTERNS
• Pb-FREE AND COMPATIBLE WITH REFLOW SOLDERING
LOW ESR COMPONENT
SOLID POLYMER ELECTROLYTE
For Performance Data
see www.LowESR.com
Rated Working Range
2.0 ~ 16VDC
Rated Capacitance Range
2.2 ~ 560µF
Operating Temperature Range
-40 ~ +105°C
Capacitance Tolerance
± 20% (M)
Max. Leakage Current (µA)
After 2 Minutes (+20°C)
All Case Sizes
See Standard Products and
Specifications Tables
Max. Tan δ, 120Hz, +20°C
High Temperature Load Life
1,000 Hours @ 105°C
at Rated Working Voltage
Capacitance Change
Within ±10% of initial measured value
Tan δ
Less than specified max. value
Leakage Current
Less than specified max. value
Damp Heat Test
500 Hours @ +60°C at 90 ~ 95% RH
and Rated Working Voltage
Capacitance Change
8V ~ 16V
Within -20%/+40% of initial measured value
6.3V
Within -20%/+50% of initial measured value
4V
Within -20%/+60% of initial measured value
2V, 2.5V
Within -20%/+70% of initial measured value
Tan δ
Less than 200% of specified max. value
Leakage Current
Less than specified max. value
NIC Part Number
WV Cap.
Max. LC
Tan δ
Max. Ripple Current
+105°C & 100KHz (mArms)
Max. ESR
+20°C & 100KHz (Ω)
Height
H
(Vdc) (µF)
(µA)
NSP101M2D2ATRF
2.0
100
20.0
0.06
2,500
0.018
1.8±0.1
NSP101M2D2XATRF
100
20.0
0.06
2,700
0.015
1.8±0.1
NSP101M2D2ZATRF
100
20.0
0.06
3,000
0.009
1.8±0.1
NSP121M2D2ATRF
120
24.0
0.06
2,500
0.018
1.8±0.1
NSP121M2D2XATRF
120
24.0
0.06
2,700
0.015
1.8±0.1
NSP121M2D2ZATRF
120
24.0
0.06
3,000
0.009
1.8±0.1
NSP151M2D2ATRF
150
30.0
0.06
2,500
0.018
1.8±0.1
NSP151M2D2ZATRF
150
30.0
0.06
3,000
0.009
1.8±0.1
NSP181M2D2ATRF
180
36.0
0.06
2,500
0.018
1.8±0.1
NSP181M2D2ZATRF
180
36.0
0.06
3,000
0.009
1.8±0.1
NSP181M2D6ZATRF
180
36.0
0.06
3,000
0.009
1.9±0.2
NSP221M2D2ATRF
220
26.4
0.06
2,500
0.018
1.8±0.1
NSP221M2D2ZATRF
220
44.0
0.06
3,000
0.009
1.8±0.1
NSP221M2D6ATRF
220
44.0
0.06
2,700
0.015
1.9±0.2
NSP221M2D6ZATRF
220
44.0
0.06
3,000
0.009
1.9±0.2
NSP271M2D6XATRF
270
54.0
0.06
3,000
0.012
1.9±0.2
NSP271M2D6ZATRF
270
37.5
0.06
3,000
0.009
1.9±0.2
NSP271M2D6YATRF
270
37.5
0.06
3,500
0.006
1.9±0.2
NSP271M2D6UATRF
270
37.5
0.06
3,800
0.0045
1.9±0.2
NSP331M2D6ATRF
330
66.0
0.06
2,700
0.015
1.9±0.2
NSP331M2D6XATRF
330
66.0
0.06
3,000
0.012
1.9±0.2
NSP331M2D6ZATRF
330
45.0
0.10
3,000
0.009
1.9±0.2
NSP331M2D6YATRF
330
45.0
0.06
3,500
0.006
1.9±0.2
NSP331M2D6UATRF
330
45.0
0.06
3,500
0.0045
1.9±0.2
NSP331M2D6VATRF
330
66.0
0.06
4,000
0.003
1.9±0.2
NSP391M2D6ATRF
390
78.0
0.06
2,700
0.015
1.9±0.2
NSP391M2D6ZATRF
390
78.0
0.06
3,000
0.009
1.9±0.2
NSP391M2D6YATRF
390
78.0
0.06
3,500
0.006
1.9±0.2
NSP391M2D6UATRF
390
78.0
0.06
3,800
0.0045
1.9±0.2
NSP471M2D6ATRF
470
94.0
0.06
2,700
0.015
1.9±0.2
NSP471M2D6ZATRF
470
94.0
0.06
3,000
0.009
1.9±0.2
NSP471M2D6YATRF
470
94.0
0.06
3,500
0.006
1.9±0.2
***EXPANDED***
NEW ULTRA
LOW ESR 3.0mΩ
New Values


Similar Part No. - NSP121M2D2XATRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSP121M2D2XATRF NIC-NSP121M2D2XATRF Datasheet
72Kb / 5P
Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
More results

Similar Description - NSP121M2D2XATRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSP NIC-NSP Datasheet
72Kb / 5P
Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
NPC NIC-NPC_14 Datasheet
103Kb / 4P
Surface Mount Solid Polymer Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECG-C0JB220R PANASONIC-ECG-C0JB220R Datasheet
349Kb / 4P
Specialty Polymer Aluminum Electrolytic Capacitors/CB
logo
Kemet Corporation
A765EB397M0ELAE020 KEMET-A765EB397M0ELAE020 Datasheet
4Mb / 17P
Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
A767EB226M1HLAE050 KEMET-A767EB226M1HLAE050 Datasheet
3Mb / 17P
Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
RUBYCON CORPORATION
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com