Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAS21C2 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BAS21C2
Description  High voltage switching diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BAS21C2 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BAS21C2 Datasheet HTML 1Page - Cystech Electonics Corp. BAS21C2 Datasheet HTML 2Page - Cystech Electonics Corp. BAS21C2 Datasheet HTML 3Page - Cystech Electonics Corp. BAS21C2 Datasheet HTML 4Page - Cystech Electonics Corp. BAS21C2 Datasheet HTML 5Page - Cystech Electonics Corp. BAS21C2 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C335C2
Issued Date : 2013.02.05
Revised Date :
Page No. : 2/6
BAS21C2
CYStek Product Specification
Absolute Maximum Ratings (TA=25℃, unless otherwise noted)
Parameters
Conditions
Symbol Min
Typ
Max Units
Repetitive peak reverse voltage
VRRM
300
V
RMS voltage
VRMS
210
V
Continuous reverse voltage
VR
300
V
Continuous forward current
IF
250
mA
Repetitive peak forward current
tp=1ms, duty≤0.25
IFRM
1
A
Non-repetitive peak forward current
t=1μs
IFSM
4.5
A
TA=25°C
(Note 1)
250
Total Device Dissipation
TSP≤90°C
(Note 2)
PD
500
mW
Junction to ambient
(Note 1)
RθJA
500
Thermal resistance
Junction to soldering point (Note3)
RθJSP
120
°C/W
Storage temperature range
Tstg
-65
150
°C
Operating junction temperature range
Tj
-55
150
°C
Note :1.Parts mounted on FR-5 board with minimum pad, in free air.
2.Tsp is the solder point temperature at the soldering point of the cathode tab.
3.Soldering point of cathode tab.
Characteristics (Ta=25°C)
Characteristic
Symbol
Condition
Min.
Max.
Unit
Reverse Breakdown Voltage
VBR
IR=100μA
300
-
V
VF(1)
IF=100mA
-
1
V
Forward Voltage (Note)
VF(2)
IF=200mA
-
1.25
V
IR(1)
VR=250V,Tj=25℃
-
150
nA
Reverse Leakage Current (Note)
IR(2)
VR=250V,Tj=150℃
100
μA
Diode Capacitance
CD
VR=0V, f=1MHz
-
5
pF
Reverse Recovery Time
trr
IF=IR=30mA RL=100
Ω
measured at IR=3mA
-
50
ns
Notes
: Pulse test, tp=300μs, duty cycle<2%.
Ordering Information
Device
Package
Shipping
BAS21C2-0-T5-G
SOD-523
(Pb-free lead plating and halogen-free package)
8000 pcs / Tape & Reel



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com