Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NSPH Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NSPH
Description  Multilayer Acrylic Polymer Film Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSPH Datasheet(HTML) 3 Page - NIC-Components Corp.

  NSPH Datasheet HTML 1Page - NIC-Components Corp. NSPH Datasheet HTML 2Page - NIC-Components Corp. NSPH Datasheet HTML 3Page - NIC-Components Corp. NSPH Datasheet HTML 4Page - NIC-Components Corp. NSPH Datasheet HTML 5Page - NIC-Components Corp. NSPH Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
L
H
W
e
e
STANDARD VALUES AND CASE SIZES (mm)
Part Number
Voltage
(VDC)
Capacitance
(
μF)
Available
Tolerance
L±0.3
W±0.3
H±0.2
e±0.3
Case
Size
Reel Qty
Tolerance
NSPH102_100V1206TRF
100
0.001
±10% (K), ±20% (M)
3.2
1.6
1.0
0.5
1206
3,000
NSPH152_100V1206TRF
100
0.0015
±10% (K), ±20% (M)
3.2
1.6
1.0
0.5
1206
3,000
NSPH222_100V1206TRF
100
0.0022
±10% (K), ±20% (M)
3.2
1.6
1.0
0.5
1206
3,000
NSPH332_100V1206TRF
100
0.0033
±10% (K), ±20% (M)
3.2
1.6
1.0
0.5
1206
3,000
NSPH472_100V1206TRF
100
0.0047
±10% (K), ±20% (M)
3.2
1.6
1.0
0.5
1206
3,000
NSPH682_100V1206TRF
100
0.0068
±10% (K), ±20% (M)
3.2
1.6
1.0
0.5
1206
3,000
NSPH103_100V1206TRF
100
0.01
±10% (K), ±20% (M)
3.2
1.6
1.0
0.5
1206
3,000
NSPH153_100V1206TRF
100
0.015
±10% (K), ±20% (M)
3.2
1.6
1.0
0.5
1206
3,000
NSPH223_100V1206TRF
100
0.022
±10% (K), ±20% (M)
3.2
1.6
1.0
0.5
1206
3,000
NSPH333_100V1206TRF
100
0.033
±10% (K), ±20% (M)
3.2
1.6
1.0
0.5
1206
3,000
NSPH473_100V1206TRF
100
0.047
±10% (K), ±20% (M)
3.2
1.6
1.4
0.5
1206
2,000
NSPH683_100V1210TRF
100
0.068
±10% (K), ±20% (M)
3.2
2.5
1.4
0.5
1210
2,000
NSPH104_100V1210TRF
100
0.1
±10% (K), ±20% (M)
3.2
2.5
1.8
0.5
1210
2,000
NSPH Series
Multilayer Acrylic Polymer Film Capacitors



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com