Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BTP2907SL3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTP2907SL3
Description  Low VCE(sat) PNP Epitaxial Planar Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTP2907SL3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTP2907SL3 Datasheet HTML 1Page - Cystech Electonics Corp. BTP2907SL3 Datasheet HTML 2Page - Cystech Electonics Corp. BTP2907SL3 Datasheet HTML 3Page - Cystech Electonics Corp. BTP2907SL3 Datasheet HTML 4Page - Cystech Electonics Corp. BTP2907SL3 Datasheet HTML 5Page - Cystech Electonics Corp. BTP2907SL3 Datasheet HTML 6Page - Cystech Electonics Corp. BTP2907SL3 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C824L3
Issued Date : 2003.07.31
Revised Date :2013.11.12
Page No. : 2/7
BTP2907SL3
CYStek Product Specification
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-80
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current(DC)
IC
-1
Collector Current(Pulsed) (Note 1)
ICP
-2 (Note)
A
Power Dissipation @ TC=25℃
Pd
2
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
Note : Single pulse, Pw≤10ms, Duty Cycle≤30%.
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-100
-
-
V
IC=-50μA
BVCEO
-80
-
-
V
IC=-1mA
BVEBO
-5
-
-
V
IE=-50μA
ICBO
-
-
-100
nA
VCB=-80V
IEBO
-
-
-100
nA
VEB=-6V
*VCE(sat)
-
-
-0.5
V
IC=-1A, IB=-100mA
*hFE
180
-
390
-
VCE=-2V, IC=-100mA
fT
-
125
-
MHz
VCE=-10V, IC=-50mA, f=100MHz
Cob
-
10
20
pF
VCB=-10V, IE=0A, f=1MHz
*Pulse Test: Pulse Width
≤380μs, Duty Cycle≤2%
Recommended soldering footprint



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com