Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT-1820-TWT-1V-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # AT-1820-TWT-1V-R
Description  REVISED PART HEIGHT DIMENSION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

AT-1820-TWT-1V-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  AT-1820-TWT-1V-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transducer (Electro-Mech)
AT-1820-TWT-1V-R
T.G.
B.R.
E.P.
5/12/2010
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
3/21/2006
Date
3/21/2006
Date
3/21/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
AT-1820-TWT-1V-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE APPROVED
-
RELEASED FROM ENGINEERING
3/21/2006
A
REVISED PART HEIGHT DIMENSION
5/11/2010
B.R.
B
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
5/12/2010
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNIT
RATED VOLTAGE
1.5
Vp-p
OPERATING VOLTAGE RANGE
1 ~ 2
Vp-p
RATED CURRENT (MAX)
40
mA
COIL RESISTANCE
16 ± 4
OHM
MINIMUM SPL @ 10 CM
85
dBA
RESONANT FREQUENCY
2,048 ± 500
Hz
OPERATING TEMPERATURE
-20 ~ +80
°C
STORAGE TEMPERATURE
-30 ~ +85
°C
HOUSING MATERIAL
NORYL
-
TERMINAL MATERIAL
Sn PLATED COPPER
-
WEIGHT
7
grams
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
18
`0.2
14
`0.2
10.5 - 0.2
0
+
4.5
0.6
n`0.05 (2)
6.5
`0.2
REMOVABLE
WASH TAB
SOUND
EMISSION HOLE
EPOXY POTTING
©2003, Projects Unlimited Inc.
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.


Similar Part No. - AT-1820-TWT-1V-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AT-1820-TWT-1V-R PUIAUDIO-AT-1820-TWT-1V-R Datasheet
187Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AT-1820-TWT-1V-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AI-2438-TT-R PUI-AI-2438-TT-R Datasheet
255Kb / 1P
REVISED HEIGHT DIMENSION
AI-2604-TF-LW115-24V-R PUI-AI-2604-TF-LW115-24V-R Datasheet
203Kb / 1P
REVISED RESONANT FREQUENCY
AI-4228-TF-LW140-R PUI-AI-4228-TF-LW140-R Datasheet
227Kb / 1P
REVISED PART No. AND DIMENSIONS
AOW-4542P-B-R PUI-AOW-4542P-B-R Datasheet
172Kb / 1P
REVISED IP RATING
APS2709S-T-R PUI-APS2709S-T-R Datasheet
187Kb / 1P
REVISED DIMENSIONS
AT-1224-TWT-4-R PUI-AT-1224-TWT-4-R Datasheet
189Kb / 1P
REVISED BODY DIMENSION
AT-1224-TWT-12V-R PUI-AT-1224-TWT-12V-R Datasheet
188Kb / 1P
REVISED BODY DIMENSION
AT-1425-TWT-R PUI-AT-1425-TWT-R Datasheet
245Kb / 1P
REVISED PART DIMENSIONS
logo
E-SWITCH
K200242 E-SWITCH-K200242 Datasheet
40Kb / 1P
REVISED AND REDRAWN
logo
TE Connectivity Ltd
C-2134611 TEC-C-2134611 Datasheet
191Kb / 4P
REVISED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com