Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSH277A4 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # CSH277A4
Description  Complementary Output Hall Effect Latched Sink Driver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CSH277A4 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

  CSH277A4 Datasheet HTML 1Page - Cystech Electonics Corp. CSH277A4 Datasheet HTML 2Page - Cystech Electonics Corp. CSH277A4 Datasheet HTML 3Page - Cystech Electonics Corp. CSH277A4 Datasheet HTML 4Page - Cystech Electonics Corp. CSH277A4 Datasheet HTML 5Page - Cystech Electonics Corp. CSH277A4 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C499A4
Issued Date : 2007.09.26
Revised Date :
Page No. : 6/6
CSH277A4
CYStek Product Specification
SIP-4L Dimension
Inches
Millimeters
Inches
Millimeters
Marking:
Device
name
Date Code:
Year+Month
Year: 2006→6
2007→7, …,
etc
Month : Jan→A,
Feb→B, Mar→
C, Apr→D,May
→E, Jun→F,Jul
→G, Aug→H,
Sep→J,Oct→K
Nov→L, Dec→
M
Lot Code:
01~99
serially
4-Lead SIP-4L Plastic Package
CYStek Package Code: A4
Style: Pin 1.VCC 2.Output 3.Output 4. Ground
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.051
0.071
1.295
1.803
D
0.201
0.211
5.105
5.359
A1
0.024
-
0.610
-
E
0.139
0.149
3.531
3.785
b
0.013
0.017
0.330
0.432
L
0.551
0.630
14.00
16.00
b1
0.016
0.020
0.406
0.508
e
0.05 REF
1.27 REF
Notes: 1.Dimension and tolerance based on our Spec. dated Apr. 18,2002.
2.Controlling dimension: millimeters.
3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
4.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com