Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS810251 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS810251
Description  VCXO and Synchronous Ethernet Jitter Attenuator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS810251 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS810251 Datasheet HTML 1Page - Integrated Device Technology ICS810251 Datasheet HTML 2Page - Integrated Device Technology ICS810251 Datasheet HTML 3Page - Integrated Device Technology ICS810251 Datasheet HTML 4Page - Integrated Device Technology ICS810251 Datasheet HTML 5Page - Integrated Device Technology ICS810251 Datasheet HTML 6Page - Integrated Device Technology ICS810251 Datasheet HTML 7Page - Integrated Device Technology ICS810251 Datasheet HTML 8Page - Integrated Device Technology ICS810251 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATA SHEET
ICS810251AGI REVISION B OCTOBER 5, 2012
1
©2012 Integrated Device Technology, Inc.
VCXO and Synchronous Ethernet
Jitter Attenuator
ICS810251I
General Description
The ICS810251I is a high performance, low jitter/low phase noise
VCXO. The ICS810251i uses a low frequency and low cost pullable
crystal to achieve jitter attenuation for synchronous Ethernet
applications. The ICS810251I can take an input of either 25MHz or
125MHz and produce a single LVCMOS output of 25MHz.
The device is packaged in a small 16 lead TSSOP package and is
ideal for use on space constrained boards typically encountered in
most synchronous ethernet applications.
Applications
Synchronous Ethernet v0.39a
End equipment compliant with Std IEEE 802.039a
Features
One single-ended output (LVCMOS or LVTTL levels),
output Impedance: 15
Phase jitter attenuation by the VCXO-PLL using a 25MHz pullable
external crystal (XTAL)
Input frequencies: 25MHz or 125MHz
Output frequency: 25MHz
PLL loop bandwidth adjustable by external components
25MHz or 125MHz auto input frequency detect
Full 3.3V or 2.5V supply voltage
-40°C to 85°C ambient operating temperature
Available in lead-free (RoHS 6) package
ICS810251I
16-Lead TSSOP
4.4mm x 5.0mm x 0.925mm
package body
G Package
Top View
Pin Assignment
Block Diagram
VCXO-PLL
LF0
LF1
(External loop
filter inputs.)
Pre-
divider
PFD
CP
VCXO
25MHz
25MHz
CLK_IN
Q
(25MHz or 125MHz
input frequency auto
detect)
(÷1 or ÷5)
OE
1
0
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OE
Q
Reserved
GND
PLL_SEL
CLK_IN
LF1
LF0
GND
XTAL_IN
XTAL_OUT
GND
VDDO
VDDA
VDD
VDD


Similar Part No. - ICS810251

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS810252BI-03 IDT-ICS810252BI-03 Datasheet
217Kb / 24P
VCXO Jitter Attenuator and FemtoClock??Multiplier
logo
Renesas Technology Corp
ICS810252BI-03 RENESAS-ICS810252BI-03 Datasheet
902Kb / 25P
VCXO Jitter Attenuator and FemtoClock™ Multiplier
2019
More results

Similar Description - ICS810251

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843002-31 ICST-ICS843002-31 Datasheet
272Kb / 27P
700MHZ FEMTOCLOCKS??VCXO BASED FREQUENCY TRANSLATOR AND JITTER ATTENUATOR
logo
Integrated Device Techn...
ICS810252BI-03 IDT-ICS810252BI-03 Datasheet
217Kb / 24P
VCXO Jitter Attenuator and FemtoClock??Multiplier
ICS813252I-02 IDT-ICS813252I-02 Datasheet
2Mb / 22P
VCXO JITTER ATTENUATOR & FEMTOCLOCK??MULTIPLIER
ICS813322-02 IDT-ICS813322-02 Datasheet
446Kb / 20P
VCXO JITTER ATTENUATOR & FEMTOCLOCK??MULTIPLIER
813N252I-09 IDT-813N252I-09_15 Datasheet
698Kb / 23P
VCXO Jitter Attenuator & FemtoClock Multiplier
logo
Renesas Technology Corp
810251I RENESAS-810251I Datasheet
433Kb / 16P
VCXO and Synchronous Ethernet Jitter Attenuator
March 3, 2016
810252DI-02 RENESAS-810252DI-02 Datasheet
344Kb / 21P
VCXO Jitter Attenuator & FemtoClock® Multiplier
11/18/14
813N252I-09 RENESAS-813N252I-09 Datasheet
895Kb / 24P
VCXO Jitter Attenuator & FemtoClock® Multiplier
December 10, 2015
810252I RENESAS-810252I Datasheet
450Kb / 17P
VCXO and Synchronous Ethernet Jitter Attenuator
March 3, 2016
ICS810252BI-03 RENESAS-ICS810252BI-03 Datasheet
902Kb / 25P
VCXO Jitter Attenuator and FemtoClock™ Multiplier
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com