Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMLJ60S4 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SMLJ60S4
Description  6 Amp Surface Mount Glass Passivated Rectifier 50 - 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMLJ60S4 Datasheet(HTML) 2 Page - Micro Commercial Components

  SMLJ60S4 Datasheet HTML 1Page - Micro Commercial Components SMLJ60S4 Datasheet HTML 2Page - Micro Commercial Components SMLJ60S4 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMLJ60S05 THRU SMLJ60S10
200
100
Amps
.
4 .6 .8 1.0
1.
4
1.
8
2.2
.1
.2
.4
.6
1
2
4
6
10
20
25
°C
Volts
MCC
Instantaneous Forward Current - Amperes
versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
40
60
Figure 4
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - MicroAmperes
versus
Percent Of Rated Peak Reverse Voltage - Volts
Volts
4
6
20
10
µAmps
20
120
40
60
80
100
.01
.02
.04
.06
.1
.2
.4
.6
1
2
TJ=25
°C
40
60
100
140
TJ=100
°C
1
100
4
0
50
100
150
8
Figure 3
Maximum Non-Repetitive Forward Surge Current
Peak Forward Surge Current - Amperes
versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
610
20
60 80
40
200
250
300
Revision:
D
20
14/03/07
Average Forward Rectified Current - Amperes versus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
1
2
3
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
4
5
6
TM
Micro Commercial Components
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com