Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS2152L Datasheet(PDF) 38 Page - Dallas Semiconductor

Part # DS2152L
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152L Datasheet(HTML) 38 Page - Dallas Semiconductor

Back Button DS2152L Datasheet HTML 34Page - Dallas Semiconductor DS2152L Datasheet HTML 35Page - Dallas Semiconductor DS2152L Datasheet HTML 36Page - Dallas Semiconductor DS2152L Datasheet HTML 37Page - Dallas Semiconductor DS2152L Datasheet HTML 38Page - Dallas Semiconductor DS2152L Datasheet HTML 39Page - Dallas Semiconductor DS2152L Datasheet HTML 40Page - Dallas Semiconductor DS2152L Datasheet HTML 41Page - Dallas Semiconductor DS2152L Datasheet HTML 42Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 94 page
background image
DS2152
38 of 93
IMR2: INTERRUPT MASK REGISTER 2 (Address=6F Hex)
(MSB)
(LSB)
RMF
TMF
SEC
RFDL
TFDL
RMTCH
RAF
RSC
SYMBOL
POSITION
NAME AND DESCRIPTION
RMF
IMR2.7
Receive Multiframe.
0 = interrupt masked
1 = interrupt enabled
TMF
IMR2.6
Transmit Multiframe.
0 = interrupt masked
1 = interrupt enabled
SEC
IMR2.5
1-Second Timer.
0 = interrupt masked
1 = interrupt enabled
RFDL
IMR2.4
Receive FDL Buffer Full.
0 = interrupt masked
1 = interrupt enabled
TFDL
IMR2.3
Transmit FDL Buffer Empty.
0 = interrupt masked
1 = interrupt enabled
RMTCH
IMR2.2
Receive FDL Match Occurrence.
0 = interrupt masked
1 = interrupt enabled
RAF
IMR2.1
Receive FDL Abort.
0 = interrupt masked
1 = interrupt enabled
RSC
IMR2.0
Receive Signaling Change.
0 = interrupt masked
1 = interrupt enabled
5.0 ERROR COUNT REGISTERS
There are a set of three counters in the DS2152 that record bipolar violations, excessive 0s, errors in the
CRC6 code words, framing bit errors, and number of multiframes that the device is out of receive
synchronization. Each of these three counters are automatically updated on either 1-second boundaries
(CCR3.2=0) or every 42 ms (CCR3.2=1) as determined by the timer in Status Register 2 (SR2.5). Hence,
these registers contain performance data from either the previous second or the previous 42 ms. The user
can use the interrupt from the 1-second timer to determine when to read these registers. The user has a
full second (or 42 ms) to read the counters before the data is lost. All three counters will saturate at their
respective maximum counts and they will not rollover (note: only the Line Code Violation Count Register
has the potential to overflow but the bit error would have to exceed 10
-2 before this would occur).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com