Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS2407P Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS2407P
Description  Dual Addressable Switch Plus 1K.Bit Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2407P Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS2407P Datasheet HTML 9Page - Dallas Semiconductor DS2407P Datasheet HTML 10Page - Dallas Semiconductor DS2407P Datasheet HTML 11Page - Dallas Semiconductor DS2407P Datasheet HTML 12Page - Dallas Semiconductor DS2407P Datasheet HTML 13Page - Dallas Semiconductor DS2407P Datasheet HTML 14Page - Dallas Semiconductor DS2407P Datasheet HTML 15Page - Dallas Semiconductor DS2407P Datasheet HTML 16Page - Dallas Semiconductor DS2407P Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
AAh
READ STATUS
?
BUS MASTER TX
TA1 (T7:T0)
BUS MASTER TX
TA2 (T15:T8)
DS2506 SETS STATUS ADDRESS
= (T15:T0)
BUS MASTER RX DATA
FROM
STATUS MEMORY
BUS MASTER
TX RESET
?
END OF
STATUS MEMORY
?
DS2506 INCREMENTS
ADDRESS COUNTER
N
Y
N
N
Y
BUS MASTER
TX RESET
?
BUS MASTER
RX 1’S
N
Y
BUS MASTER
TX RESET
?
BUS MASTER RX CRC16
OF COMMAND,
ADDRESS, DATA
N
F5h
CHANNEL
ACCESS
?
BUS MASTER TX
CONTROL BYTE 1
BUS MASTER TX
CONTROL BYTE 2
N
Y
BUS MASTER RX
CHANNEL INFO BYTE
BUS MASTER
TX RESET
?
MODE
?
BUS MASTER TX DATA
TO CHANNEL F/F
BUS MASTER RX
DATA FROM PIOs
BUS MASTER
TX RESET
?
CRC
DUE
?
BUS MASTER
TX RESET
?
DS2407 INCR. CRC
BYTE COUNTER
BUS MASTER RX CRC16 OF
COMMAND, CONTROL, DATA
(1ST PASS)
CRC16 OF DATA
(SUBSEQUENT PASSES)
BUS MASTER
TX RESET
?
DS2407 CLEARS
CRC BYTE COUNTER
R/W TOGGLING
ENABLED
?
DS2407 TOGGLES
READ/WRITE MODE
BUS MASTER
TX RESET
DS2407 TX
PRESENCE PULSE
DS2407 TX
PRESENCE PULSE
Y
Y
Y
N
WRITE
READ
**
Y
N
N
N
Y
Y
Y
N
Y
N
N
Y
*SEE CHANNEL CONTROL BYTE 1
AND FIGURE 7A.
FROM FIGURE 6
SECOND PART
CRC
ENABLED
?
*
*
*
*
DS2407
012099 13/31
MEMORY FUNCTION FLOW CHART Figure 6 (cont’d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com