Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EPF8282AV Datasheet(PDF) 10 Page - Altera Corporation

Part # EPF8282AV
Description  Programmable Logic Device Family
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282AV Datasheet(HTML) 10 Page - Altera Corporation

Back Button EPF8282AV Datasheet HTML 6Page - Altera Corporation EPF8282AV Datasheet HTML 7Page - Altera Corporation EPF8282AV Datasheet HTML 8Page - Altera Corporation EPF8282AV Datasheet HTML 9Page - Altera Corporation EPF8282AV Datasheet HTML 10Page - Altera Corporation EPF8282AV Datasheet HTML 11Page - Altera Corporation EPF8282AV Datasheet HTML 12Page - Altera Corporation EPF8282AV Datasheet HTML 13Page - Altera Corporation EPF8282AV Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
10
Altera Corporation
FLEX 8000 Programmable Logic Device Family Data Sheet
The MAX+PLUS II Compiler can create cascade chains automatically
during design processing; designers can also insert cascade chain logic
manually during design entry. Cascade chains longer than eight LEs are
automatically implemented by linking LABs together. The last LE of an
LAB cascades to the first LE of the next LAB.
Figure 5 shows how the cascade function can connect adjacent LEs to
form functions with a wide fan-in. These examples show functions of 4n
variables implemented with n LEs. For a device with an A-2 speed grade,
the LE delay is 2.4 ns; the cascade chain delay is 0.6 ns. With the cascade
chain, 4.2 ns is needed to decode a 16-bit address.
Figure 5. FLEX 8000 Cascade Chain Operation
LE Operating Modes
The FLEX 8000 LE can operate in one of four modes, each of which uses
LE resources differently. See Figure 6. In each mode, seven of the ten
available inputs to the LE—the four data inputs from the LAB local
interconnect, the feedback from the programmable register, and the
carry-in and cascade-in from the previous LE—are directed to different
destinations to implement the desired logic function. The three remaining
inputs to the LE provide clock, clear, and preset control for the register.
The MAX+PLUS II software automatically chooses the appropriate mode
for each application. Design performance can also be enhanced by
designing for the operating mode that supports the desired application.
d[3..0]
LE1
LUT
d[7..4]
LE2
LUT
d[(4
n-1)..4(n-1)]
LE
n
LUT
d[3..0]
LUT
d[7..4]
LUT
d[(4
n-1)..4(n-1)]
LUT
LE1
LE2
LE
n
AND Cascade Chain
OR Cascade Chain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com