Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESMG100ESS153MMP1S Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # ESMG100ESS153MMP1S
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

ESMG100ESS153MMP1S Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  ESMG100ESS153MMP1S Datasheet HTML 1Page - Nippon Precision Circuits Inc ESMG100ESS153MMP1S Datasheet HTML 2Page - Nippon Precision Circuits Inc ESMG100ESS153MMP1S Datasheet HTML 3Page - Nippon Precision Circuits Inc ESMG100ESS153MMP1S Datasheet HTML 4Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Downsized, 85C
CAT. No. E1001K
?RATED RIPPLE CURRENT MULTIPLIERS
@Frequency Multipliers
50
0.65
0.75
0.80
0.85
120
1.00
1.00
1.00
1.00
300
1.35
1.25
1.15
1.03
1k
1.75
1.50
1.30
1.05
10k
2.30
1.75
1.40
1.08
100k
2.50
1.80
1.50
1.08
Capacitance (mF)
Frequency (Hz)
1.0 to 4.7
10 to 47
100 to 1,000
2,200 to
50
0.95
0.92
0.81
0.77
120
1.00
1.00
1.00
1.00
300
1.03
1.07
1.17
1.16
1k
1.05
1.13
1.32
1.30
10k
1.08
1.19
1.45
1.41
100k
1.08
1.20
1.50
1.43
Rated Voltage (Vde)
Frequency (Hz)
6.3 to 50
63 to 100
160 to 250
315 to 450
(F5 to F18)
(F20, F22)
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5C rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
(4/4)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com