Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AML21CBA2EB Datasheet(PDF) 3 Page - Honeywell Accelerometers

Part # AML21CBA2EB
Description  Interactive Catalog Supplements Catalog PDFs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

AML21CBA2EB Datasheet(HTML) 3 Page - Honeywell Accelerometers

  AML21CBA2EB Datasheet HTML 1Page - Honeywell Accelerometers AML21CBA2EB Datasheet HTML 2Page - Honeywell Accelerometers AML21CBA2EB Datasheet HTML 3Page - Honeywell Accelerometers AML21CBA2EB Datasheet HTML 4Page - Honeywell Accelerometers AML21CBA2EB Datasheet HTML 5Page - Honeywell Accelerometers AML21CBA2EB Datasheet HTML 6Page - Honeywell Accelerometers AML21CBA2EB Datasheet HTML 7Page - Honeywell Accelerometers AML21CBA2EB Datasheet HTML 8Page - Honeywell Accelerometers AML21CBA2EB Datasheet HTML 9Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Manual Switches
AML22 Series
Electronic Control Pushbutton
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
15
LED DISPLAY
Buttons with LED ‘‘window’’ ordered separately.
LEDs are not replaceable.
FEATURES
Identical to AML21 switches, except
furnished with high efficiency LED
display.
Rectangular LED’s are flush with
button surface, providing wide angle
indication.
Optional diode protection for LED’s.
5 thru 24 VDC LED devices have an
internal resistor to maintain current at
nominal 20 mA.
UL recognized, CSA certified.
LED circuit independent of switch
circuit.
Electrical Data
page 11
Buttons
pages 30/31
Lamps and LEDs
page 46
Accessories
pages 44/45
Mounting Dimensions
pages 47/50
*
*
*AML22 Series: 1 pole and
2-pole only.
AML22 ORDER GUIDE
AML22 C
B
B
2
AA
Housing
Bezel
LED Color/
Terminal
Circuitry Codes
Type
Color
Voltage
Type
(Each pole has double-throw)
Standard Bezel:
B
Red
2
Silver
Mom. Action
AML22C Square 1 LED
AML22H Square 1 High-
Profile LED (For use with
AML52-A buttons)
Full Guard Bezel:
AML22J Square 1 LED
Black
B
V*
C
5V
D
10V
E
15V
F
24V
Yellow
H
V*
J
5V
K
10V
L
15V
M
24V
Green
R
V*
S
5V
T
10V
W
15V
X
24V
.110 × .020
(Solder or
Quick-Connect)
3
.025 × .025
(Printed Ckt.,
or Push-On)
8
.110 × .020
With Diode
Protection
for LED
Contacts
AA 1-Pole
AC 2-Pole
CC 4-Pole
Alt. Action
AB 1-Pole
AD 2-Pole
CD 4-Pole
Gold
Contacts
Mom. Action
BA 1-Pole
BC 2-Pole
DC 4-Pole
Alt. Action
BB 1-Pole
BD 2-Pole
DD 4-Pole
Gold-Plated
Silver
Contacts
Mom. Action
EA 1-Pole
EC 2-Pole
Alt. Action
EB 1-Pole
ED 2-Pole
* See LED information for devices without current limiting resistor, page 46.
Example: AML22CBB2AA
Square pushbutton switch housing with
one LED, black bezel; red LED (without
resistor); .110 × .020 termination; mo-
mentary action, 1-pole, double-throw; sil-
ver contacts.
CONTACT ARRANGEMENT
1, 2 or 4 poles: Form C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com