Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP16CP05PTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP16CP05PTR
Description  Low voltage 16-bit constant current LED sink driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CP05PTR Datasheet(HTML) 1 Page - STMicroelectronics

  STP16CP05PTR Datasheet HTML 1Page - STMicroelectronics STP16CP05PTR Datasheet HTML 2Page - STMicroelectronics STP16CP05PTR Datasheet HTML 3Page - STMicroelectronics STP16CP05PTR Datasheet HTML 4Page - STMicroelectronics STP16CP05PTR Datasheet HTML 5Page - STMicroelectronics STP16CP05PTR Datasheet HTML 6Page - STMicroelectronics STP16CP05PTR Datasheet HTML 7Page - STMicroelectronics STP16CP05PTR Datasheet HTML 8Page - STMicroelectronics STP16CP05PTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
January 2010
Doc ID 12568 Rev 10
1/27
27
STP16CP05
Low voltage 16-bit constant current LED sink driver
Features
■ Low voltage power supply down to 3 V
■ 16 constant current output channels
■ Adjustable output current through external
resistor
■ Serial data IN/parallel data OUT
■ Can be driven by a 3.3 V microcontroller
■ Output current: 5-100 mA
■ Max clock frequency 30 MHz
■ ESD protection 2 kV HBM, 200 V MM
Description
The STP16CP05 is a monolithic, low voltage, low
current power 16-bit shift register designed for
LED panel displays. The STP16CP05 contains a
16-bit serial-in, parallel-out shift register that
feeds a 16-bit, D-type storage register. In the
output stage, sixteen regulated current sources
provide from 5 mA to 100 mA constant current to
drive the LEDs.
The output current setup time is 40 ns (typ), thus
improving the system performance.
The LEDs' brightness can be controlled by using
an external resistor to adjust the STP16CP05
output current.
The STP16CP05 guarantees a 20 V output
driving capability, allowing users to connect more
LEDs in series.The high clock frequency, 30 MHz,
makes the device suitable for high data rate
transmission. The 3.3 V voltage supply is useful in
applications that interface with a 3.3 V micro
controller.
SO-24
TSSOP24
TSSOP24
(exposed pad)
QSOP-24
Table 1.
Device summary
Order codes
Package
Packaging
STP16CP05MTR
SO-24
1000 parts per reel
STP16CP05TTR
TSSOP24
2500 parts per reel
STP16CP05XTTR
TSSOP24 exposed pad
2500 parts per reel
STP16CP05PTR
QSOP-24
2500 parts per reel
www.st.com


Similar Part No. - STP16CP05PTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16CP05 STMICROELECTRONICS-STP16CP05 Datasheet
571Kb / 26P
Low voltage 16-Bit constant current LED sink driver
21-Dec-2006
STP16CP05B1R STMICROELECTRONICS-STP16CP05B1R Datasheet
571Kb / 26P
Low voltage 16-Bit constant current LED sink driver
21-Dec-2006
STP16CP05MTR STMICROELECTRONICS-STP16CP05MTR Datasheet
571Kb / 26P
Low voltage 16-Bit constant current LED sink driver
21-Dec-2006
STP16CP05TTR STMICROELECTRONICS-STP16CP05TTR Datasheet
571Kb / 26P
Low voltage 16-Bit constant current LED sink driver
21-Dec-2006
STP16CP05XTR STMICROELECTRONICS-STP16CP05XTR Datasheet
571Kb / 26P
Low voltage 16-Bit constant current LED sink driver
21-Dec-2006
More results

Similar Description - STP16CP05PTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16CL596 STMICROELECTRONICS-STP16CL596 Datasheet
558Kb / 18P
LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
22-Jul-2005
logo
List of Unclassifed Man...
STP16CP596 ETC1-STP16CP596 Datasheet
622Kb / 18P
LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
STMicroelectronics
STP16CP05 STMICROELECTRONICS-STP16CP05 Datasheet
571Kb / 26P
Low voltage 16-Bit constant current LED sink driver
21-Dec-2006
STP16CP596 STMICROELECTRONICS-STP16CP596_06 Datasheet
379Kb / 26P
Low voltage 16-Bit, constant current LED sink driver
16-May-2006
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STAP16DPPS05 STMICROELECTRONICS-STAP16DPPS05 Datasheet
997Kb / 33P
Low voltage 16-bit constant current LED sink driver
10-Nov-2015
STAP16DPS05 STMICROELECTRONICS-STAP16DPS05 Datasheet
1Mb / 34P
Low voltage 16-bit constant current LED sink driver
10-Nov-2015
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com