Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB30NM50N Datasheet(PDF) 6 Page - STMicroelectronics

Part # STB30NM50N
Description  N-channel 500 V, 0.090 廓, 27 A MDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB30NM50N Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STB30NM50N Datasheet HTML 2Page - STMicroelectronics STB30NM50N Datasheet HTML 3Page - STMicroelectronics STB30NM50N Datasheet HTML 4Page - STMicroelectronics STB30NM50N Datasheet HTML 5Page - STMicroelectronics STB30NM50N Datasheet HTML 6Page - STMicroelectronics STB30NM50N Datasheet HTML 7Page - STMicroelectronics STB30NM50N Datasheet HTML 8Page - STMicroelectronics STB30NM50N Datasheet HTML 9Page - STMicroelectronics STB30NM50N Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
STB/I/F/P/W30NM50N
6/18
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area for TO-220 /
D²PAK / I²PAK
Figure 3.
Thermal impedance for TO-220 /
D²PAK / I²PAK
Figure 4.
Safe operating area for TO-220FP
Figure 5.
Thermal impedance for TO-220FP
Figure 6.
Safe operating area for TO-247
Figure 7.
Thermal impedance for TO-247
GC20540
0.2
δ=0.5
0.05
0.02
0.01
0.1
Single pulse
tp
τ
10
-5
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
Zth=k Rthj-c
δ=tp/τ
GC20521
0.2
δ=0.5
0.05
0.02
0.01
0.1
Single pulse
Zth=k Rthj-c
δ=tp/τ
tpτ
10
-4
10
-3
10
-2
10
-1
10
0
tp(s)
10
-3
10
-2
10
-1
K
GC18460
0.2
δ=0.5
0.05
0.02
0.01
0.1
Single pulse
Zth=k Rthj-c
δ=tp/τ
tp
τ
10
-5
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-3
10
-2
10
-1
K
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com