Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM3Z36VST1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MM3Z36VST1G
Description  300 mW SOD??23 Surface Mount Tight Tolerance Portfolio
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM3Z36VST1G Datasheet(HTML) 3 Page - ON Semiconductor

  MM3Z36VST1G Datasheet HTML 1Page - ON Semiconductor MM3Z36VST1G Datasheet HTML 2Page - ON Semiconductor MM3Z36VST1G Datasheet HTML 3Page - ON Semiconductor MM3Z36VST1G Datasheet HTML 4Page - ON Semiconductor MM3Z36VST1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MM3ZxxxST1G Series, SZMM3ZxxxST1G Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VF = 0.9 Max @ IF = 10 mA for all types)
Device*
Device
Marking
Test
Current
Izt mA
Zener Voltage VZ
ZZK IZ
= 0.5
mA W
Max
ZZT
IZ = IZT
@ 10%
Mod W
Max
Max
IR @ VR
dVZ/dt (mV/k)
@ IZT1 = 5 mA
C pF Max @
VR = 0
f = 1 MHz
Min
Max
mA
V
Min
Max
MM3Z3V0ST1G
T4
5.0
2.90
3.11
1000
100
10
1.0
−3.5
0
450
MM3Z3V3ST1G
T5
5.0
3.32
3.53
1000
95
5.0
1.0
−3.5
0
450
MM3Z3V9ST1G
T7
5.0
3.89
4.16
1000
90
3.0
1.0
−3.5
−2.5
450
MM3Z4V3ST1G
T8
5.0
4.17
4.43
1000
90
3.0
1.0
−3.5
0
450
MM3Z4V7ST1G
T9
5.0
4.55
4.75
800
80
3.0
2.0
−3.5
0.2
260
MM3Z5V1ST1G
TA
5.0
4.98
5.2
500
60
2.0
2.0
−2.7
1.2
225
MM3Z5V6ST1G
TC
5.0
5.49
5.73
200
40
1.0
2.0
−2.0
2.5
200
MM3Z6V2ST1G
TE
5.0
6.06
6.33
100
10
3.0
4.0
0.4
3.7
185
MM3Z6V8ST1G
TF
5.0
6.65
6.93
160
15
2.0
4.0
1.2
4.5
155
MM3Z7V5ST1G
TG
5.0
7.28
7.6
160
15
1.0
5.0
2.5
5.3
140
MM3Z8V2ST1G
TH
5.0
8.02
8.36
160
15
0.7
5.0
3.2
6.2
135
MM3Z9V1ST1G
TK
5.0
8.85
9.23
160
15
0.5
6.0
3.8
7.0
130
MM3Z10VST1G
WB
5.0
9.80
10.20
160
15
0.5
6.0
4.5
8.0
130
MM3Z12VST1G
TN
5.0
11.74
12.24
80
25
0.1
8.0
6.0
10
130
MM3Z13VST1G
TQ
5.0
12.91
13.49
160
30
0.1
8.0
7.0
11
120
MM3Z15VST1G
TP
5.0
14.34
14.98
80
40
0.1
11
8.8
12.7
130
MM3Z16VST1G
TU
5.0
15.85
16.51
80
40
0.05
11.2
10.4
14
105
MM3Z18VST1G
TW
5.0
17.56
18.35
80
45
0.05
12.6
12.4
16
100
MM3Z22VST1G
WP
5.0
21.54
22.47
100
55
0.05
15.4
16.4
20
85
MM3Z24VST1G
WT
5.0
23.72
24.78
120
70
0.05
16.8
18.4
22
80
MM3Z27VST1G
WQ
5.0
26.19
27.53
300
80
0.05
18.9
21.4
25.3
70
MM3Z30VST1G
WV
5.0
29.19
30.69
300
80
0.05
21.0
24.4
29.4
70
MM3Z33VST1G
WR
5.0
32.15
33.79
300
80
0.05
23.2
27.4
33.4
70
MM3Z36VST1G
WU
5.0
35.07
36.87
500
90
0.05
25.2
30.4
37.4
70
MM3Z39VST1G
WN
2.0
38.22
39.78
500
130
0.05
27.3
33.4
41.2
45
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
*Include SZ-prefix devices where applicable.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com