Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WSLS2512R0200FHEB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSLS2512R0200FHEB
Description  Power Metal Strip® Resistors, Improved Stability (0.25 % and 0.5 %), Low Value, Surface Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSLS2512R0200FHEB Datasheet(HTML) 2 Page - Vishay Siliconix

  WSLS2512R0200FHEB Datasheet HTML 1Page - Vishay Siliconix WSLS2512R0200FHEB Datasheet HTML 2Page - Vishay Siliconix WSLS2512R0200FHEB Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WSLS2512, Improved Stability
www.vishay.com
Vishay Dale
Revision: 05-Mar-14
2
Document Number: 30123
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
DERATING
Note
• Embossed Carrier Tape per EIA-481.
MODEL
DIMENSIONS
SOLDER PAD DIMENSIONS
L
W
H
T
a
b
l
WSLS2512
0.250 ± 0.010
(6.35 ± 0.254)
0.125 ± 0.010
(3.18 ± 0.254)
0.025 ± 0.010
(0.635 ± 0.254)
0.030 ± 0.010
(0.762 ± 0.254)
0.065
(1.65)
0.145
(3.68)
0.160
(4.06)
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
0.25 %
0.5 %
Thermal shock
- 55 °C to + 150 °C, 1000 cycles, 15 min at each extreme
± (0.5 % + 0.005
) R
Short time overload
5 x rated power for 5 s for WSL2512 size or smaller
± (0.5 % + 0.005
) R
Low temperature operation
- 65 °C for 45 min
± (0.5 % + 0.005
) R
High temperature exposure
1000 h at + 170 °C
± (1.0 % + 0.005
) R
Bias humidity
+ 85 °C, 85 % RH, 10 % bias, 1000 h
± (0.5 % + 0.005
) R
Mechanical shock
100 g’s for 6 ms, 5 pulses
± (0.5 % + 0.005
) R
Vibration
Frequency varied 10 Hz to 2000 Hz in 1 min, 3 directions, 12 h
± (0.5 % + 0.005
) R
Load life
2000 h at 70 °C, 1.5 h “ON”, 0.5 h “OFF”
± 0.25 %
R
± 0.5 %
R
Resistance to solder heat
+ 260 °C solder, 10 s to 12 s dwell, 25 mm/s emergence
± (0.5 % + 0.005
) R
Moisture resistance
MIL-STD-202, method 106, 0 % power, 7b not required
± (0.5 % + 0.005
) R
L
T
W
H
l
b
a
Typical sensing traces
70
120
100
80
60
40
20
0
170
150
125
100
75
50
25
0
- 25
- 50
- 65
Ambient Temperature in °C
PACKAGING
MODEL
REEL
TAPE WIDTH
DIAMETER
PIECES/REEL
CODE
WSLS2512
12 mm/embossed plastic
178 mm/7"
2000
EA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com