Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OPF480 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPF480
Description  Fiber Optic Detector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPF480 Datasheet(HTML) 2 Page - OPTEK Technologies

  OPF480_14 Datasheet HTML 1Page - OPTEK Technologies OPF480_14 Datasheet HTML 2Page - OPTEK Technologies OPF480_14 Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fiber Optic Detector
OPF480
OPTEK Technology Inc.— 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (800) 341-4747 FAX: (972) 323– 2396 sensors@optekinc.com www.optekinc.com
Issue A
8/2012
Page 2 of 3
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Electrical/Optical Characteristics (T
A = 25°C unless otherwise noted)
Absolute Maximum Ratings
TA = 25
o C unless otherwise noted
Storage Temperature Range
-55° C to +115° C
Operating Temperature Range
-40° C to +100° C
Lead Soldering Temperature
(1)
260° C
Continuous Power Dissipation
(2)
200 mW
Maximum Reverse Voltage
100 VDC
Notes:
1.
Maximum of 5 seconds with soldering iron. Duration can be extended to 10 seconds when flow soldering. RMA flux is recommended.
2.
De-rate linearly at 2.13mW/
°C above 25°C .
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
R
Responsivity
0.45
0.55
A/W
VR = 5.0V; 50/125µm fiber; λ = 850nm
ID
Dark Current
0.1
5.0
nA
VR = 5.0V
λ
p
Peak Response Wavelength
905
nm
tr
Output Rise Time
2.0
ns
VR = 5V; RL = 50Ω, 10%-90%
CT
Total Capacitance
1.5
2.0
pF
VR = 5V
FoV
Field of View
80
deg



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com