Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

32LED-5-RYG Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 32LED-5-RYG
Description  SPST and SPDT Stackable with LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

32LED-5-RYG Datasheet(HTML) 1 Page - Grayhill, Inc

  32LED-5-RYG Datasheet HTML 1Page - Grayhill, Inc 32LED-5-RYG Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Butt Contact Pushbutton Switches
.100 (2,54)
.200 (5,08)
TYP.
.120 (3,05)
.070 (1,78)
.050 (1,27)
.100 ± .004
(2,54 ± 0,10) TYP.
BTWN. PINS OF
SAME SWITCH
.100 ± .004 (2,54 ± 0,10) TYP.
BTWN. PINS OF STACKED
SWITCHES
.084 (2,13) DIA.
.110 (2,79)
.090 (2,29)
.400 (10,16)
.190 (4,83)
.100 ± .004
(2,54 ± 0,10)
.030 ± .002
(0,76 ± 0,05)
DIA. 4 PLS.
.272 (6,91)
.220 (5,59)
.100 (2,54)
.180
(4,57)
.100 ± .004
(2,54 ± 0,10)
.200 (5,08)
REF.
.050 (1,27)
XXXX
E.I.A.
DATE
CODE
SWITCH DIMENSIONS (In inches and millimeters)
LED DIMENSIONS (In inches and millimeters)
Unless otherwise stated, linear dimension tolerances are ± .010 (0,25); diameters are ± .005 (0,13)
Unless otherwise stated, linear dimension tolerances are ± .010 (0,25); diameters are ± .005 (0,13)
SERIES 32
SPST and SPDT,
Stackable with LED
FEATURES
• Stackable, Provides Custom Switch
Arrangements
• .200" Centers When Stacked
• SPST–N.O., SPST–N.C. Circuitry in
the Same Package
• Process Compatible, Internally
Sealed Plunger
• Status/Reset or Press-to-Test
Functions with Companion LED
Action
Total Travel
Momentary
.050 (1,27) Approx.
SWITCH CIRCUITRY
2 Circuits Per Switch
Alternate Wiring
Rating at
Operations
28 Vdc
at Rated
Part
Resistive
Load
Number
150 mA
100,000
32-01
.220 (5,59)
GRAYHILL
.200 (5,08) REF.
.100 (2,54)
.118 (3,0)
DIA.
.050 (1,27)
.100 (2,54)
.010
(0,25)
.180
(4,57)
.272
(6,91)
.100 (2,54)
.230 (5,84)
.110
(2,79)
.190
(4,83)
.020 (0,51)
SQ. 2 PLS.
C
CATHODE
SPST N.C.
SPST N.O.
N.O.
N.O.
N.C.
N.C.
SPDT
BREAK BEFORE
MAKE
N.O.
N.C.
C
CONNECT PINS
ON PC BOARD
Actuator
Actuator
E-9
Pushbutton
35


Similar Part No. - 32LED-5-RYG

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
32LET COOPER-32LET Datasheet
49Kb / 2P
Electrical Characteristics, Total Clearing I2t, Arc Voltage, Power Losses
32LET COOPER-32LET Datasheet
38Kb / 2P
25-180A, 240 Volts
More results

Similar Description - 32LED-5-RYG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG417CJ MAXIM-DG417CJ Datasheet
170Kb / 12P
Improved, SPST/SPDT Analog Switches
19-0114; Rev 2; 12/96
logo
GREATECS
TPA00 GREATECS-TPA00 Datasheet
2Mb / 7P
SPST SMT Tactile Switches with LED
TPI GREATECS-TPI Datasheet
390Kb / 2P
SPST THT Tactile Switches with LED
TPJ GREATECS-TPJ Datasheet
335Kb / 1P
SPST SMT Tactile Switches with LED
TPO GREATECS-TPO Datasheet
365Kb / 1P
SPST THT Tactile Switches with LED
logo
Grayhill, Inc
07Z1047-1 GRAYHILL-07Z1047-1 Datasheet
79Kb / 1P
SPST and SPDT, 10 Amp Momentary Contact
logo
List of Unclassifed Man...
R22-5D16-24 ETC2-R22-5D16-24 Datasheet
565Kb / 1P
Slimline 16 Amp SPST?묿O SPDT
logo
American Zettler, Inc.
AZPRD AZETTLER-AZPRD Datasheet
437Kb / 3P
SPST, DPST, SPDT, and DPDT versions available
logo
Maxim Integrated Produc...
DG41789S MAXIM-DG41789S Datasheet
31Kb / 5P
SPST/SPDT ANALOG SWITCHES
19-0501 Rev. A
DG41789 MAXIM-DG41789 Datasheet
37Kb / 5P
IMPROVED, SPST/SPDT ANALOG SWITCHES
19-0179 Rev. C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com