Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECST1CD336R Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECST1CD336R
Description  Tantalum Solid Electrolytic Capacitors/TE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECST1CD336R Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECST1CD336R Datasheet HTML 1Page - Panasonic Semiconductor ECST1CD336R Datasheet HTML 2Page - Panasonic Semiconductor ECST1CD336R Datasheet HTML 3Page - Panasonic Semiconductor ECST1CD336R Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tantalum Solid Electrolytic Capacitors/TE
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and / or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
 EE27 
Ta
.
TE
TE
Series:
Type :
T
-55 to 125
°C
4 to 35 V .DC
0.15 to 330 µ F
±20 % (120Hz/20
°C)
s
Dimensions in mm (not to scale)
P
(
+)
(
-)
L
w1
Polarity bar (+ side)
s
Marking
L ±0.2 W1±0.2 W2±0.1 H±0.2
P±0.3
P
Cap.(µF)
q Size Y
q Size X,C,V,D
4 6.3 10 16 20 25 35
G J A C D E
V
1 1.5 2.2 3.3 4.7 6.8
A E
J
N S W
105
106
107
5
6
7
(Ex.) A6: 1.0 x 106 pF(1.0µF)
J5: 2.2 x 10 5 pF(0.22µF)
s Case size
Surface Mount Type
s Features
s Specifications
Category temp. range
Rated W.V. Range
Nominal Cap. Range
Capacitance Tolerance
DC Leakage Current
Moisture Resistance
Endurance
Capacitance change
tan
δ
DC leakage current
±10% of initial measured value
< initial specified value
< 125 % of initial specified value
Please see the attached standard products list
the following limits.
Resistance to Soldering Heat
Capacitance change
tan
δ
DC leakage current
±10% of initial measured value
< initial specified value
W.V.code
Cap. code
Capacitance code
Capacitance(µF)
1st code
Multiplier
2nd code
h (for 6.3W.V. abbreviated to 6 V)
W.V.(V)
Polarity Bar(+side)
4. Other rating upon request (voltage, capacitance, tolerance, size)
tan
δ
Standard
Standard Miniature Standard Miniature Standard Miniature Standard Miniature Standard Miniature Standard Miniature
Standard
Japan
China
4(0G)
6.3(0J)
10(1A)
16(1C)
20(1D)
25(1E)
35(1H)
0.15 to 0.33
0.47 (474)
0.68 (684)
1.0 (105)
1.5 (155)
2.2 (225)
3.3 (335)
4.7 (475)
6.8 (685)
10
(106)
15
(156)
22
(226)
33
(336)
47
(476)
68
(686)
100
(107)
150
(157)
220
(227)
330
(337)
Y
Y
Y
Y
X
X
C
C
D,V
D,V
D
Y
X
C
D
Y
Y
Y
Y
X
X
C
C
D,V
D,V
D
Y
Y
X
X
C
C
D
Y
Y
Y
Y
X
X
C
C
D,V
D,V
D
Y
X
X
C
D
Y
Y
Y
Y
Y
X
X
C
C
D,V
D,V
D
Y
X
C
Y
Y
Y
X
X
X
C
C
D,V
D,V
Y
Y
X
C
Y
Y
Y
X
X
X
C
C
D,V
D
Y
Y
Y
Y
Y
X
X
X
C
C
D,V
D
W.V.(V.DC)
Cap.(µF)
Y
X
C
V
D
3.2
3.5
6.0
5.8
7.3
1.6
2.8
3.2
4.6
4.3
1.2
2.2
2.2
2.4
2.4
1.6
1.9
2.5
3.2
2.8
0.8
0.8
1.3
1.3
1.3
EIA code
3216
3528
6032
5846
7343
W.V. code
W.V. (V)
code
I
< 0.01 CV or 0.5(µA) after 2 minutes application of rated working voltage at 20°C (whichever is greater)
< initial specified value, miniatured size: < 150% of initial specified value.
After 2000 hours application of rated DC working voltage at 85
°C or derated voltage at
Size code
h Each case side has different tereminal configuration
Note : 1. (
)indicates the W.V. and capacitance code.
2. When selecting W.V. refer to page 20.
3. We recommend current sizes shown in the above table for new design, but conventional case size is available on request.
The capacitor shall withstand dipping into solder for 5±1 seconds at 260 ±5
°C
After 500 hours exposure at 40
°C and 90 to 95 % R.H. without load, the capacitor shall meet
125
°C, the capacitor shall meet the following limits.
Rev.02/04


Similar Part No. - ECST1CD336R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECST1CD336R PANASONIC-ECST1CD336R Datasheet
120Kb / 4P
Tantalum Solid Electrolytic Capacitors TE
logo
Nichicon corporation
ECST1CD336R NICHICON-ECST1CD336R Datasheet
50Kb / 3P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - ECST1CD336R

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F980E476MMA NICHICON-F980E476MMA Datasheet
73Kb / 1P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2 Datasheet
90Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F920E226MPA NICHICON-F920E226MPA Datasheet
109Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2_09 Datasheet
88Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
logo
Panasonic Semiconductor
EEJ-L1VD226R PANASONIC-EEJ-L1VD226R Datasheet
55Kb / 2P
Tantalum Solid Electrolytic Capacitors/TE-L
ECST0GY475R PANASONIC-ECST0GY475R Datasheet
120Kb / 4P
Tantalum Solid Electrolytic Capacitors TE
ECS-T1AY225R PANASONIC-ECS-T1AY225R Datasheet
120Kb / 4P
Tantalum Solid Electrolytic Capacitors/TE
ECS-T1DC106R PANASONIC-ECS-T1DC106R Datasheet
120Kb / 4P
Tantalum Solid Electrolytic Capacitors/TE
logo
Nichicon corporation
F931A336KBA NICHICON-F931A336KBA Datasheet
140Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931A476KAA NICHICON-F931A476KAA Datasheet
140Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com