Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

G8J-1C6T-R-DC12 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G8J-1C6T-R-DC12
Description  Automotive Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8J-1C6T-R-DC12 Datasheet(HTML) 1 Page - Omron Electronics LLC

  G8J-1C6T-R-DC12 Datasheet HTML 1Page - Omron Electronics LLC G8J-1C6T-R-DC12 Datasheet HTML 2Page - Omron Electronics LLC G8J-1C6T-R-DC12 Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Purpose Automotive
Power Relay
s
Standard ISO terminal footprint
s
Handles heavy automotive load;
inrush current 100A
s
High current path fully welded;
reduces heat buildup at full load
s
Made in North America
Terminal type
Contact form
Cover
Resistor
Bracket
Part number
PCB
SPST-NO
Standard
G8J-1A7P-DC12
PCB
SPST-NO
Standard
680
G8J-1A7P-R-DC12
Plug In
SPDT
Standard
G8J-1C7T-DC12
Plug In
SPDT
Standard
Molded Plastic
G8J-1C7T-MF-DC12
Plug in
SPDT
Standard
680
G8J-1C7T-R-DC12
Plug In
SPDT
Standard
680
Molded Plastic
G8J-1C7T-MF-R-DC12
Plug In
SPDT
Weatherproof
G8J-1C6T-DC12
Plug In
SPDT
Weatherproof
680
G8J-1C6T-R-DC12
Plug In
SPDT
Weatherproof
680
Metal
G8J-1C6T-F-R-DC12
Plug In
SPDT
Weatherproof
Metal
G8J-1C6T-F-DC12
Ordering Information
Specifications
s CONTACT DATA
Max. resistive load
SPST
40A
SPDT
40A(NO) / 20A(NC)
Contact voltage drop
[Initial value at 23
°C (73°F)]
≤150mV(NO) / ≤175mV(NC)
Max. inrush current
Inductive load
100A inrush / 20A break(NO)
Capacitive load
300A inrush(NO)
Rated voltage
12 VDC
Operating voltage
10-16 VDC
Coil resistance
78
Ω ± 10%
Pick-up voltage
8V at 23
°C (73°F)
11V at 125
°C (257°F)
Dropout voltage
1V at 23
°C (73°F)
s COIL DATA
Automotive Relay
G8J


Similar Part No. - G8J-1C6T-R-DC12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8J-1C6T-R-DC12 OMRON-G8J-1C6T-R-DC12 Datasheet
72Kb / 3P
General Purpose Automotive Power Relay
More results

Similar Description - G8J-1C6T-R-DC12

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
CX-10N ETC-CX-10N Datasheet
44Kb / 2P
Automotive Relay
HFKDV ETC2-HFKDV Datasheet
67Kb / 4P
AUTOMOTIVE RELAY
logo
Hongfa Technology
HFV4 HONGFA-HFV4_07 Datasheet
98Kb / 5P
AUTOMOTIVE RELAY
JQC-24F HONGFA-JQC-24F Datasheet
63Kb / 2P
AUTOMOTIVE RELAY
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6_15 Datasheet
77Kb / 5P
AUTOMOTIVE RELAY
HFV11 HONGFA-HFV11_15 Datasheet
48Kb / 3P
AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARC SANYOU-SARC Datasheet
172Kb / 3P
Automotive Relay
logo
EXCEL CELL ELECTRONIC C...
ETRJM ECE-ETRJM Datasheet
228Kb / 3P
AUTOMOTIVE RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com