Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC3663 Datasheet(PDF) 1 Page - NEC

Part # 2SC3663
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC3663 Datasheet(HTML) 1 Page - NEC

  2SC3663 Datasheet HTML 1Page - NEC 2SC3663 Datasheet HTML 2Page - NEC 2SC3663 Datasheet HTML 3Page - NEC 2SC3663 Datasheet HTML 4Page - NEC 2SC3663 Datasheet HTML 5Page - NEC 2SC3663 Datasheet HTML 6Page - NEC 2SC3663 Datasheet HTML 7Page - NEC 2SC3663 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
SILICON TRANSISTOR
2SC3663
NPN EPITAXIAL SILICON TRANSISTOR
FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
1997
©
Document No. P10406EJ1V0DS00 (1st edition)
Date Published August 1997 N
Printed in Japan
DATA SHEET
FEATURES
•
Low-voltage, low-current, low-noise and high-gain
NF = 3.0 dB TYP.
@VCE = 1 V, IC = 250
PA, f = 1.0 GHz
GA = 3.5 dB TYP.
@VCE = 1 V, IC = 250
PA, f = 1.0 GHz
•
Ideal for battery drive of pagers, compact radio equipment,
cordless phones, etc.
•
Gold electrode gives high reliability.
•
Mini mold package, ideal for hybrid ICs.
ABSOLUTE MAXIMUM RATINGS (TA = 25
qqqqC)
PARAMETER
SYMBOL
RATING
UNIT
Collector to Base Voltage
VCBO
15
V
Collector to Emitter Voltage
VCEO
8V
Emitter to Base Voltage
VEBO
2V
Collector Current
IC
5mA
Total Power Dissipation
PT
50
mW
Junction Temperature
Tj
150
qC
Storage Temperature
Tstg
ð65 to +150
qC
ELECTRICAL CHARACTERISTICS (TA = 25
qqqqC)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB = 5 V, IE = 0
0.1
PA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0
0.1
PA
DC Current Gain
hFE
VCE = 1 V, IC = 250
PA, pulse
50
100
250
Gain Bandwidth Product
fT
VCE = 1 V, IC = 1 mA
4
GHz
Insertion Power Gain
°S21e°2
VCE = 1 V, IC = 1 mA, f = 1 GHz
4.0
6.5
dB
Maximum Available Gain
MAG
VCE = 1 V, IC = 1 mA, f = 1 GHz
12.5
dB
Noise Figure
NF
VCE = 1 V, IC = 250
PA, f = 1.0 GHz
3.0
4.5
dB
Associated Power Gain
GA
VCE = 1 V, IC = 250
PA, f = 1.0 GHz
3.5
dB
Collector Capacitance
Cob
Note
VCB = 1 V, IE = 0, f = 1.0 MHz
0.4
0.6
pF
Note Measured using 3-pin bridge, with emitter pin connected to the bridge guard pin.
PACKAGE DIMENSIONS (in mm)
2.8 ± 0.2
1.5
C
Marking
E
B
0.65
+0.1
–0.15
PIN CONNECTIONS
E: Emitter
B: Base
C: Collector
Marking: R62


Similar Part No. - 2SC3663

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3663 KEXIN-2SC3663 Datasheet
37Kb / 1P
NPN Epitaxial Silicon Transistor
More results

Similar Description - 2SC3663

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5432 NEC-2SC5432 Datasheet
59Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC5433 NEC-2SC5433 Datasheet
59Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC5434 NEC-2SC5434 Datasheet
61Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC5435 NEC-2SC5435 Datasheet
59Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC5437 NEC-2SC5437 Datasheet
63Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
logo
Renesas Technology Corp
2SC3355 RENESAS-2SC3355 Datasheet
248Kb / 10P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC4093 RENESAS-2SC4093 Datasheet
175Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
logo
California Eastern Labs
NE85634 CEL-NE85634 Datasheet
216Kb / 6P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
logo
Renesas Technology Corp
2SC5013 RENESAS-2SC5013_15 Datasheet
190Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC5432 RENESAS-2SC5432 Datasheet
314Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
February 2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com