Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GKG6R024 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # GKG6R024
Description  CERAMIC DIELECTRIC TRIMMER CAPACITORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GKG6R024 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button GKG6R024 Datasheet HTML 4Page - List of Unclassifed Manufacturers GKG6R024 Datasheet HTML 5Page - List of Unclassifed Manufacturers GKG6R024 Datasheet HTML 6Page - List of Unclassifed Manufacturers GKG6R024 Datasheet HTML 7Page - List of Unclassifed Manufacturers GKG6R024 Datasheet HTML 8Page - List of Unclassifed Manufacturers GKG6R024 Datasheet HTML 9Page - List of Unclassifed Manufacturers GKG6R024 Datasheet HTML 10Page - List of Unclassifed Manufacturers GKG6R024 Datasheet HTML 11Page - List of Unclassifed Manufacturers GKG6R024 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 • TEL: 516-334-8700 • FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
CERAMIC DIELECTRIC TRIMMER CAPACITORS
SG-305J
9
All dimensions are in / mm. Unless otherwise specified, the tolerance on dimensions is ± 0.004 / 0.1.
Capacitance
Range (pF)
min
max
TCC (ppm / °C)
Q min (1 MHz)
Model No.
2.0
5.0
0 ± 250
300
GK T 5R010
3.0
10.0
0 ± 250
300
GK T 10010
4.0
20.0
N750 ± 250
300
GK T 20010
5.0
30.0
N1000 ± 500
300
GK T 30010
7.0
45.0
N1000 ± 500
200
GK T 45010
9.0
63.0
N1000 ± 500
200
GK T 60010
12.0
90.0
N2200 ± 800
200
GK T 90010
14.0
108.0
N2200 ± 800
100
GK T 10110
7 mm Economy Models
0.28
7.0
STATOR
0.047
1.2
(3 PLCS)
0.02
0.6
DIA
Mounting Hole Layout
ROTOR
(2 PLCS)
0.02
0.6
DP
x
0.040
1.0
0.010
0.25
0.28
± 0.008
7.0
± 0.2
0.15
± 0.008
3.7
± 0.2
0.15
± 0.008
3.7
± 0.2
0.010
0.25
SLOT
0.43
± 0.008
11.0
± 0.2
0.14
3.5
0.04
± 0.002
1.0
± 0.05
SOLDER
GKT _ _ _ 10
SPECIFICATIONS
Operating Temperature Range: –25°C to +85°C
Voltage Rating: 250 VDC
Dielectric Withstanding Voltages: 500 VDC
Insulation Resistance: 104 Megohms min
Torque: 35 to 200 g-cm (0.49 to 2.8 oz-in)
Capacitance
Range (pF)
min
max
TCC (ppm / °C)
Q min (1 MHz)
Model No.
1.0
3.0
0 ± 250
300
GKU3R010
2.0
6.0
0 ± 250
300
GKU6R010
3.0
10.0
N750 ± 250
300
GKU10010
4.8
20.0
N750 ± 250
300
GKU20010
5.5
30.0
N1000 ± 250
200
GKU30010
6.8
40.0
N2200 ± 800
200
GKU40010
9.8
50.0
N2200 ± 800
200
GKU50010
12.0
60.0
N2200 ± 800
200
GKU60010
14.0
70.0
N2200 ± 800
200
GKU70010
5 mm Economy Models
0.20
5.0
STATOR
0.23
5.8
0.12
3.0
0.02
0.5
SLOT
DIA 2 PLCS
Mounting Hole Layout
0.039
± 0.002
1.0
± 0.05
TYP
ROTOR
0.02
0.5
DP
x
0.12
3.0
0.10
2.6
TYP
TYP
0.23
± 0.008
5.8
± 0.2
0.047
1.2
0.010
0.25
TYP
GKU _ _ _ 10
SPECIFICATIONS
Operating Temperature Range: –25°C to +85°C
Voltage Rating: 250 VDC
Dielectric Withstanding Voltages: 500 VDC
Insulation Resistance: 104 Megohms min
Torque: 35 to 200 g-cm (0.49 to 2.8 oz-in)
ECONOMY 5 mm
GKU SERIES
FEATURES
• Economical for consumer and industrial applications.
• Rotor soldered to tuning axle for stability.
• For lead-through-hole connection to printed circuit
boards.
ECONOMY 7 mm
GKT SERIES
FEATURES
• Economical for consumer and industrial applications.
• Rotor soldered to tuning axle for stability.
• For lead-through-hole connection to printed circuit
boards.
• Three hole mounting pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com