Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

47ASP2J2M2RT Datasheet(PDF) 3 Page - Grayhill, Inc

Part # 47ASP2J2M2RT
Description  Miniature Rocker and Paddle Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

47ASP2J2M2RT Datasheet(HTML) 3 Page - Grayhill, Inc

  47ASP2J2M2RT Datasheet HTML 1Page - Grayhill, Inc 47ASP2J2M2RT Datasheet HTML 2Page - Grayhill, Inc 47ASP2J2M2RT Datasheet HTML 3Page - Grayhill, Inc 47ASP2J2M2RT Datasheet HTML 4Page - Grayhill, Inc 47ASP2J2M2RT Datasheet HTML 5Page - Grayhill, Inc 47ASP2J2M2RT Datasheet HTML 6Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
ACTUATOR OPTIONS: For Panel Rear Mount Only In inches (and millimeters)
R5
R7
R6
ACTUATOR OPTIONS: For P.C. Mount Only In inches (and millimeters)
J1
J2
Series 47A: Miniature Rocker and Paddle Switches
.024
(0.61)
.138
(3.50)
1.875
(41.27)
1.625
(34.92)
.505
(12.83)
BRACKET WIDTH
.595
(15.11)
ROCKER
WIDTH
.478
(12.14)
1.318
(33.4)
PANEL MOUNTING
PANEL MOUNTING
.280
(7.11)
.090
(2.29)
PANEL THICKNESS
.047 TO .125
(1.19 TO 3.18)
.615
(15.62)
.765
(19.43)
.450
(11.43)
.500
(12.70)
.600
(15.24)
.005 R.(4)
(0.13 R.)
MAX. TYP.
.280
(7.11)
.090
(2.29)
PANEL THICKNESS
.047 TO .125
(1.19 TO 3.18)
.615
(15.62)
.765
(19.43)
.450
(11.43)
.500
(12.70)
.600
(15.24)
.005 R.(4)
(0.13 R.)
MAX. TYP.
.456
(11.58)
.093
(2.36)
.128
(3.25)
.365
(9.27)
.365
(9.27)
.310
(7.87)
.531
(13.49)
.299
(7.59)
.332 R.
(8.43 R.)
.084
(2.13)
.156
(3.96)
.740
(18.80)
Rocker
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com