Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

47ASP4J2M3RT Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 47ASP4J2M3RT
Description  Miniature Rocker and Paddle Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

47ASP4J2M3RT Datasheet(HTML) 2 Page - Grayhill, Inc

  47ASP4J2M3RT Datasheet HTML 1Page - Grayhill, Inc 47ASP4J2M3RT Datasheet HTML 2Page - Grayhill, Inc 47ASP4J2M3RT Datasheet HTML 3Page - Grayhill, Inc 47ASP4J2M3RT Datasheet HTML 4Page - Grayhill, Inc 47ASP4J2M3RT Datasheet HTML 5Page - Grayhill, Inc 47ASP4J2M3RT Datasheet HTML 6Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
OPEN
2-3,5-6
4P2
4P3
4P4
4P5
4P1
NONE
ON
(ON)
ON
ON
OFF
OFF
OFF
ON
NONE
2-1,5-4
(ON)
(ON)
(ON)
ON
ON
TERM. COMM.
SWITCH POSITION
MODEL
NO.
02COMM.
1
3
05COMM.
4
6
08COMM.
7
9
SCHEMATIC
()=MOMENTARY
3
2
1
3
2
1
10
11
12
9
8
7
6
5
4
Ø.094
(Ø2.39)
25˚
1.156
(29.36)
.937
(23.80)
.850
(11.43)
.500
(12.70)
.275
(6.99)
.185
(4.70)
.030
(0.76)
.080
(2.03)
.190
(4.83)
.147
(3.70)
.020
(0.50)
.441
(11.21)
.155
(3.96)
.740
(18.8)
.383
(9.73)
.576 NOM.
(14.63)
.320
(8.13)
.024
(0.61)
.138
(3.50)
.906
(23.01)
1.625
(41.27)
1.375
(34.92)
.505
(12.83)
BRACKET WIDTH
.595
(15.11)
ROCKER
WIDTH
2 PLCS.
Ø.125
(Ø3.17)
.937
(23.80)
.275
(6.99)
Ø.094
(Ø2.39)
1.156
(29.36)
.310
(7.87)
.375
(9.52)
.531
(13.49)
.020
(0.50)
.138
(3.50)
.365
(9.27)
.937
(23.80)
.275
(6.99)
Ø.094
(Ø2.39)
1.156
(29.36)
.365
(9.27)
.020
(0.50)
.138
(3.50)
.875
(22.22)
.084
(2.13)
.332 R.
(8.43 R.)
1.625
(41.27)
1.375
(34.92)
.505
(12.83)
BRACKET
WIDTH
.595
(15.11)
ROCKER
WIDTH
2 PLCS.
Ø.125
(Ø3.17)
.888
(22.56)
1.174
(29.82)
.024
(0.61)
.138
(3.50)
.437
(11.10)
.093
(2.36)
1.312
(33.32)
R4
R3
R2
MODELS In inches (and millimeters)
4PDT
ACTUATOR OPTIONS: For Panel Mount Only In inches (and millimeters)
R1
Series 47A: Miniature Rocker and Paddle Switches
Rocker
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com