Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

47ASP2J5M3RT Datasheet(PDF) 6 Page - Grayhill, Inc

Part # 47ASP2J5M3RT
Description  Miniature Rocker and Paddle Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

47ASP2J5M3RT Datasheet(HTML) 6 Page - Grayhill, Inc

  47ASP2J5M3RT Datasheet HTML 1Page - Grayhill, Inc 47ASP2J5M3RT Datasheet HTML 2Page - Grayhill, Inc 47ASP2J5M3RT Datasheet HTML 3Page - Grayhill, Inc 47ASP2J5M3RT Datasheet HTML 4Page - Grayhill, Inc 47ASP2J5M3RT Datasheet HTML 5Page - Grayhill, Inc 47ASP2J5M3RT Datasheet HTML 6Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
4
5
6
7
8
9
10
11
12
10
11
12
1
2
3
.050
(1.27)
.050
(1.27)
.150
(3.81)
.030
(0.76)
.100
(2.54)
.125
(3.18)
.500
(12.70)
.016
(0.40)
.200
(5.08)
.190
(4.83)
Ø.073
(Ø1.85)
.565
(14.35)
EPOXY SEAL
.235
(5.97)
.200
(5.08)
.850
(21.59)
.190
(4.83)
.565
(14.35)
.150
(3.81)
OPTION
CODE
DIM."A"
V2
V3
.460
(11,68)
.630
(16,00)
4
5
6
OPTION
CODE
DIM."A"
V2
V3
.460
(11,68)
.630
(16,00)
1
2
3
DIM. "A"
.620
(15.75)
.020
(0.51)
.185
(4.70)
.030
(0.76)
EPOXY SEAL
.620
(15.75)
.125
(3.18)
.048
(1.22)
.125
(3.18)
.320
(8.13)
.185
(4.70)
.190
(4.83)
Ø.073
(1.85)
.370
(9.40)
Ø.073
(Ø1.85)
.125
(3.18)
.048
(1.22)
.320
(8.13)
.185
(4.70)
DIM. "A"
.620
(15.75)
.020
(0.51)
.185
(4.70)
.030
(0.76)
EPOXY SEAL
.620
(15.75)
.125
(3.18)
.162
(4.11)
.162
(4.11)
V2-V3
Vertical
Bracket
P.C. Mount
TERMINATION OPTIONS In inches (and millimeters)
SPECIFICATIONS
RATINGS
Contact Rating: Q option - 5A with resistive
load @ 125 VAC or 28 VDC; 2A with resistive
load @ 250 VAC. R option - 0.4 VA max @ 20
Vmax (AC or DC)
Electrical Life: 40,000 make-and-break
cycles at full load
Contact Resistance: 10 milliohms max. initial
@ 2-4 VDC, 100 mA
Insulation Resistance: 1,000 megaohms
minimum
Dielectic Strength: 1,000 V RMS @ sea
level
Operating Temperature: -30°C to 85°C
UL Recognition: File number is E35289
MATERIALS
Case: Diallyl phthalate (DAP) (UL 94V-0)
Rockers: Nylon (UL 94V-0)
Bushing: Stainless steel
Switch Support: Brass, tin-plated
Terminal/Contacts: Brass with silver or gold
plate
Terminal Seal: Epoxy
ORDERING INFORMATION
Available from your local Grayhill Component Distributor. For prices and discounts, contact a local Sales Office, an authorized local
Distributor or Grayhill.
Series 47A: Miniature Rocker and Paddle Switches
4PDT
SPDT
DPDT
47ASP1J2M6RT
Series 47A Minature Rocker and Paddle Switches
Model: SPDT: SP1, SP2, SP3, SP4, SP5
DPDT: DP1, DP2, DP3, DP4, DP5
3PDT: 3P1, 3P2, 3P3, 3P4, 3P5
4PDT: 4P1, 4P2, 4P3, 4P4, 4P5
(See Model options.)
Actuator: R1, R2, R3, R4, R5, R6, R7
J1, J2, J3, J4, J5, J6, J7, J8 (See actuator options.)
RoHS Compliant
Contact: R = Brass alloy, gold plate over nickel plate
Q = Brass alloy, silver plated
Termination Options: M1, M2, M3, M6, M7, S6, V2, V3, W1, W2, W3, W4
(See Termination options.)
Rocker
8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com