Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2W005G Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 2W005G
Description  2.0A GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2W005G Datasheet(HTML) 2 Page - Diodes Incorporated

  2W005G Datasheet HTML 1Page - Diodes Incorporated 2W005G Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS21204 Rev. G-2
2 of 2
2W005G - 2W10G
0.01
0.1
1.0
10
0.2
0.6
1.0
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
T = 25°C
Pulse width = 300µs
j
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Surge Current
60
Pulse Width 8.3 ms
Single Half-Sine-Wave
(JEDEC Method)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance
R
T = 25°C
f = 1mz
j
0.01
0.1
1.0
10
100
200
040
80
160
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
120
T = 100°C
j
T = 25°C
j
0
0.5
1.0
1.5
0
25
50
100
125
150
75
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
A
2.0
Single phase half-sine-wave
60Hz resistive or inductive load



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com