Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VLS252012ET-2R2M Datasheet(PDF) 3 Page - TDK Electronics

Part # VLS252012ET-2R2M
Description  Inductors for Power Circuits Wound Ferrite
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLS252012ET-2R2M Datasheet(HTML) 3 Page - TDK Electronics

  VLS252012ET-2R2M Datasheet HTML 1Page - TDK Electronics VLS252012ET-2R2M Datasheet HTML 2Page - TDK Electronics VLS252012ET-2R2M Datasheet HTML 3Page - TDK Electronics VLS252012ET-2R2M Datasheet HTML 4Page - TDK Electronics VLS252012ET-2R2M Datasheet HTML 5Page - TDK Electronics VLS252012ET-2R2M Datasheet HTML 6Page - TDK Electronics VLS252012ET-2R2M Datasheet HTML 7Page - TDK Electronics VLS252012ET-2R2M Datasheet HTML 8Page - TDK Electronics VLS252012ET-2R2M Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
(2/52)
INDUC
T
O
RS
001-01 / 20130516 / e531_vls.fm
• All specifications are subject to change without notice.
Inductors for Power Circuits
Wound Ferrite
FEATURES
Magnetic shield type wound inductor for power circuits.
Low-profile product lineup with max. heights of 0.8mm, 0.95mm, 1.0mm, 1.2mm, and 1.5mm allowing for different usages.
High magnetic shield construction and compatible with high-density mounting.
APPLICATION
Smart phones, tablet terminals, HDDs, SSDs, DVCs, DSCs, mobile display panels, portable game devices, compact power supply
modules, other
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
Operating temperature range includes self-temperature rise.
The Storage temperature range is for after the circuit board is mounted.
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
Overview of the VLS-E Series
VLS
201610
E
T
-
R47
N
Series name
L×W×H Dimensions
internal code
Packaging style
Inductance
Inductance
tolerance
(mm)
(µH)
201610
2.0×1.6×1.0
T
Taping
R47
0.47
201612
2.0×1.6×1.2
2R2
2.2
2010
2.0×2.0×1.0
100
10
2012
2.0×2.0×1.2
252008
2.5×2.0×0.8
252010
2.5×2.0×1.0
252012
2.5×2.0×1.2
252015
2.5×2.0×1.5
3010
3.0×3.0×1.0
3012
3.0×3.0×1.2
3015
3.0×3.0×1.5
4012
4.0×4.0×1.2
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
Storage
temperature
(°C)
(°C)
(pieces/reel)
(mg)
VLS201610E
–40 to +105
–40 to +105
2000
12
VLS201612E
–40 to +105
–40 to +105
2000
14
VLS2010E
–40 to +105
–40 to +105
2000
16
VLS2012E
–40 to +105
–40 to +105
2000
17
VLS252008E
–40 to +105
–40 to +105
2000
17
VLS252010E
–40 to +105
–40 to +105
2000
15
VLS252012E
–40 to +105
–40 to +105
2000
24
VLS252015E
–40 to +105
–40 to +105
2000
28
VLS3010E
–40 to +105
–40 to +105
2000
36
VLS3012E
–40 to +105
–40 to +105
2000
40
VLS3015E
–40 to +105
–40 to +105
2000
52
VLS4012E
–40 to +105
–40 to +105
1000
67
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://www.tdk.co.jp/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com