| Electronic Components Datasheet Search |
|
ZIOL2111 Datasheet(PDF) 86 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ZIOL2111 Datasheet(HTML) 86 Page - List of Unclassifed Manufacturers |
|
86 / 91 page ![]() ZIOL2xxx – IC Family IO-Link compliant HV Line Driver IC Family Data Sheet January 31, 2012 © 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to changes without notice. 86 of 90 Bit[0]: Reset of the over-temperature counter Bit[1]: Reset of the over-current counter assigned to the COM LS driver Bit[2]: Reset of the over-current counter assigned to the COM HS driver Bit[3]: Reset of the over-current counter assigned to the AUX LS driver Bit[4]: Reset of the over-current counter assigned to the AUX HS driver Figure 10.5 illustrates the effect of a write 25 pulse access to register[16] and register[17]. As shown in this figure a write pulse to register[16] does only reset the overload counter if no exception is present. If an exception is present (or still stored in register[18]) the write pulse access to register[16] will also reset related exceptions. In the special case the write pulse access to register[16] is performed while a temperature overload is still present the exception will by cleared but set again within the next cycle of the IC control circuit. Accordingly to the configuration of the INT_L pint the INT_L pin will perform the configured transitions again (refer to chapter A.2). Depending on the byte-value written in register[16] or register[17] the above mentioned reset operation are performed separately or in parallel. Sales and Further Information www.zmdi.com sales@zmdi.com Zentrum Mikroelektronik Dresden AG Grenzstrasse 28 01109 Dresden Germany ZMD America, Inc. 8413 Excelsior Drive Suite 200 Madison, WI 53717 USA Zentrum Mikroelektronik Dresden AG, Japan Office 2nd Floor, Shinbashi Tokyu Bldg. 4-21-3, Shinbashi, Minato-ku Tokyo, 105-0004 Japan ZMD FAR EAST, Ltd. 3F, No. 51, Sec. 2, Keelung Road 11052 Taipei Taiwan Phone +49 (0)351.8822.7465 Fax +49 (0)351.8822.87465 Phone +1 (608) 829-1987 Fax +1 (631) 549-2882 Phone +81.3.6895.7410 Fax +81.3.6895.7301 Phone +886 2 2377 8189 Fax +886 2 2377 8199 DISCLAIMER: This information applies to a product under development. Its characteristics and specifications are PRELIMINARY and subject to change without notice. Zentrum Mikroelektronik Dresden AG (ZMD AG) assumes no obligation regarding future manufacture unless otherwise agreed to in writing. The information furnished hereby is believed to be true and accurate. However, under no circumstances shall ZMD AG be liable to any customer, licensee, or any other third party for any special, indirect, incidental, or consequential damages of any kind or nature whatsoever arising out of or in any way related to the furnishing, performance, or use of this technical data. ZMD AG hereby expressly disclaims any liability of ZMD AG to any customer, licensee or any other third party, and any such customer, licensee and any other third party hereby waives any liability of ZMD AG for any damages in connection with or arising out of the furnishing, performance or use of this technical data, whether based on contract, warranty, tort (including negligence), strict liability, or otherwise. 25 Note: IC versions ZIOL2xx2 do not allow any write access. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |