Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZLED7015 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # ZLED7015
Description  1.0MHz Boost Converter with Internal 35V Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7015 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button ZLED7015 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 23Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
ZLED7015
1.0MHz Boost Converter with Internal 35V Switch
Data Sheet
December 20, 2011
© 2011 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
20 of 22
E
E1
e
E2
D
D1
c
L
b
A2
A
A1
θ
Thermal Pad (bottom)
Figure 6.2
MSOP-10 Package Dimensions for the ZLED7015
Symbol
Dimension (mm, except
θ)
Symbol
Dimension (mm)
Min
Max
Min
Max
A
0.82
1.10
D
2.90
3.10
A1
0.02
0.15
D1
1.70
1.90
A2
0.75
0.95
e
0.50 BSC
b
0.18
0.28
E
2.90
3.10
c
0.09
0.23
E1
4.75
5.05
E2
1.45
1.65
θ
0°
6°
L
0.40
0.80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com