Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZLED7320 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ZLED7320
Description  High Current 40V LED Driver with Internal Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7320 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ZLED7320 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZLED7320 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZLED7320 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZLED7320 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7320 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7320 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7320 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7320 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7320 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ZLED7320
High Current 40V LED Driver with Internal Switch
Data Sheet
August 12, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 1.2
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
5 of 27
List of Figures
Figure 1.1
ZLED7x20 Supply Operating Current vs. Input Supply Voltage (VIN = 6 to 40 V) ........................................... 8
Figure 1.2
ZLED7x20 Supply Quiescent Shutdown Current vs. Input Supply Voltage (VIN = 6 to 40 V).......................... 8
Figure 1.3
Efficiency (%) vs. Input Supply Voltage (VIN = 6 to 40 V) Per Number of LEDs (Rs=0.10 , L1=47µH).......... 9
Figure 1.4
Efficiency vs. Input Supply Voltage (VIN = 6 to 40 V) Per Number of LEDs (Rs=0.15 , L1=47µH) ................ 9
Figure 1.5
Efficiency vs. Input Supply Voltage (VIN = 6 to 40 V)
Per Number of LEDs (Rs=0.30 , L1=47µH)............. 10
Figure 1.6
Output Current Variation vs. Input Supply Voltage (VIN = 6 to 40 V) Per Number of LEDs
(Rs=0.15 , L1=47
µH) .................................................................................................................................. 10
Figure 1.7
Sense Voltage vs. Operating Temperature (Rs=0.10 , L1=47
µH, VIN = 40 V) ............................................ 11
Figure 1.8
Dimming Rate with 100Hz Square Wave Control Signal (PWM) at ADJ Pin (current rise time=7.85
µs) ..... 11
Figure 1.9
LED Open-Circuit Protection (Rs=0.30 , L1=47
µH, VIN = 24 V) .................................................................. 12
Figure 3.1
Basic ZLED7x20 Application Circuit with Output Current Determined only by Rs ........................................ 15
Figure 3.2
Basic ZLED7x20 Application Circuit with Output Current Controlled by External DC Voltage...................... 16
Figure 3.3
Basic ZLED7x20 Application Circuit with Output Current Set by External Square Wave Voltage (PWM) .... 16
Figure 3.4
Basic ZLED7x20 Application Circuit with Output Current Controlled by External Microcontroller Signal...... 17
Figure 5.1
ZLED7020 Pin Configuration – SOT89-5 Package....................................................................................... 23
Figure 5.2
SOT89-5 Package Dimensions for the ZLED7020 ....................................................................................... 24
Figure 5.3
ZLED7320, ZLED7520 & ZLED7720 Pin Configuration — DFN-5 Package ................................................ 25
Figure 5.4
DFN-5 (DFN4*4-05L) Package Dimensions for the ZLED7320, ZLED7520 & ZLED7720 ........................... 26
List of Tables
Table 3.1
Recommended Values for Sense Resistor Rs (ADJ pin floating at nominal voltage VREF=1.2V).................. 18
Table 5.1
ZLED7020 Pin Descriptions—SOT89-5 Package......................................................................................... 23
Table 5.2
ZLED7320, ZLED7520 & ZLED7720 Pin Descriptions — DFN-5 Package .................................................. 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com