Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSC31050FEB Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ZSC31050FEB
Description  Advanced Differential Sensor Signal Conditioner
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31050FEB Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ZSC31050FEB Datasheet HTML 17Page - List of Unclassifed Manufacturers ZSC31050FEB Datasheet HTML 18Page - List of Unclassifed Manufacturers ZSC31050FEB Datasheet HTML 19Page - List of Unclassifed Manufacturers ZSC31050FEB Datasheet HTML 20Page - List of Unclassifed Manufacturers ZSC31050FEB Datasheet HTML 21Page - List of Unclassifed Manufacturers ZSC31050FEB Datasheet HTML 22Page - List of Unclassifed Manufacturers ZSC31050FEB Datasheet HTML 23Page - List of Unclassifed Manufacturers ZSC31050FEB Datasheet HTML 24Page - List of Unclassifed Manufacturers ZSC31050FEB Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
ZSC31050
Advanced Differential Sensor Signal Conditioner
Data Sheet
July 7, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.12
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior
written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
21 of 31
Configuration
Number
SIF
I/O Pins Used
Mode
I
2C™
SPI
OUT
IO1
IO2
SDA
19
Data out
(SDO)
Slave select
Data in
20
Data out
(SDO)
Slave select
Data in
CM
ALARM1
-
-
NOM
21
Data out
Slave select
Data in
CM
PWM1
-
-
NOM
22
Analog
Data out
Slave select
Data in
23
Analog
Data out
Slave select
Data in
CM
ALARM1
-
-
NOM
24
Analog
Data out
Slave select
Data in
CM
PWM1
-
-
NOM
25
PWM2
Data out
Slave select
Data in
26
PWM2
Data out
Slave select
Data in
CM
ALARM1
-
-
NOM
27
PWM2
Data out
Slave select
Data in
CM
PWM1
-
-
NOM
2.5.1.
Analog Output
For the analog output, three 15-bit registers store the compensated measurement results for the bridge sensor
signal and temperature measurements 1 and 2. Each register can be independently switched to either the digital-
to-analog converter module (DAC) or the PWM module (see Figure 2.1) and then output via the FIO1 or FIO2
output module connected to the OUT or IO1 pin respectively according to Table 2.5:
Table 2.5.
Analog Output Configuration
Output Module
OUT
IO1
Voltage (DAC)
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com