Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C3P0206N-A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # C3P0206N-A
Description  0.82 / 1.2 WIDE 0.25 AMP 28 VDC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C3P0206N-A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  C3P0206N-A Datasheet HTML 1Page - List of Unclassifed Manufacturers C3P0206N-A Datasheet HTML 2Page - List of Unclassifed Manufacturers C3P0206N-A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
C
UNIT OF ELECTRO SWITCH CORP.
• ELECTRONIC PRODUCTS
ADDITIONAL OPTIONS AND
ORDERING INFORMATION
C2/C3 - SERIES
CUSTOM SWITCHES ARE AVAILABLE. CONTACT THE FACTORY WITH YOUR COMPLETE SPECIFICATIONS.
C
3
- DIMENSIONS - 12 PIN DESIGN
C3P - STANDARD 12–PIN PER DECK ARRANGEMENT
SHAFT AND FLAT OPTIONS
9
SHAFT AS VIEWED
WITH NON-TURN LUG
AT 9 O'CLOCK AND
SHAFT IN EXTREME
CCW POSITION AND
STRUT BOLTS
ORIENTED VERTICALLY.
2010 Yonkers Road
Raleigh, NC 27604
Telephone: (888) ROTARYS or (919) 833-0707
Fax: (800) 909-9171 or (919) 833-8016
PRINTED CIRCUIT
BOARD PATTERN
C2
C3
8–PIN DECK
12–PIN DECK
CUSTOMERS SPECIFIED ORDER NUMBER FOR STANDARD OPTIONS
(SPECIFY)
(SPECIFY)
(SPECIFY)
(SPECIFY)
(SPECIFY) (SPECIFY)
(SPECIFY)
ADDITIONAL OPTIONS
P
NOTE:
1. ONE DECK EQUALS
TWO WAFERS.
2. ADD .300" FOR EACH ADDITIONAL DECK.
3. 12 FIXED POSITION USES ADJUSTABLE STOP DIMENSIONS.
1/4" DIAMETER SHAFTS ARE AVAILABLE.
CONTACT FACTORY.
2 DIGIT
INSULATION
TOTAL
ACTIVE
CONTACT
SERIES
TYPE
POLES
POSITIONS
TYPE
TERMINAL
INDEX
STOP
SHAFT/
SHAFT
TYPE
ANGLE
TYPE
BUSHING
FLAT
C2
P-POLYESTER 01 - MIN.
08 - MAX @ 30
°
N- NON
04 - MAX @ 60
°
SHORTING
03 - MAX @ 90
°
S- SHORTING
C3
P-POLYESTER 01 - MIN.
12 - MAX @ 30
°
N- NON
06 - MAX @ 60
°
SHORTING
04 - MAX @ 90
°
S - SHORTING
30
°
F- FIXED
60
°
C- CONT.
90
°
A- ADJ.
SEE
SEE
CHART
CHART
"A"
"B"
How to Order Additional Options:
NOTES:
1. The standard spacing for the 1/8” dia. shaft from the first
row of terminals to the mounting surface is .390 in.
2. The standard spacing for the 1/4” dia. shaft from the first
row of terminals to the mounting surface is .481 in.
U
Y
W
Z



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com