Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC4183 Datasheet(PDF) 1 Page - NEC

Part # 2SC4183
Description  RF AMPLIFIER FOR UHF TV TUNER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4183 Datasheet(HTML) 1 Page - NEC

  2SC4183 Datasheet HTML 1Page - NEC 2SC4183 Datasheet HTML 2Page - NEC 2SC4183 Datasheet HTML 3Page - NEC 2SC4183 Datasheet HTML 4Page - NEC 2SC4183 Datasheet HTML 5Page - NEC 2SC4183 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©
1984
DATA SHEET
SILICON TRANSISTOR
2SC4183
RF AMPLIFIER FOR UHF TV TUNER
NPN SILICON EPITAXIAL TRANSISTOR
SUPER MINI MOLD
DESCRIPTION
The 2SC4183 is specifically designed for UHF RF amplifier applica-
tions. The 2SC4183 features high gain, low noise, and excellent forward
AGC characteristics in tiny plastic super mini mold package makes it
suitable for use in small type equipments such as Hybrid Integrated
Circuit and other applications.
FEATURES
•
Low NF and high Gpb
NF = 3.0 dB Typ.
Gpb = 10 dB Typ. (f = 900 MHz)
•
Foward AGC characteristics.
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Collector to Base Voltage
VCB0
30
V
Collector to Emitter Voltage
VCE0
25
V
Emitter to Base Voltage
VEB0
3.0
V
Collector Current
IC
20
mA
Total Power Dissipation
PT
160
mW
Junction Temperature
Tj
150
˚C
Storage Temperature
Tstg
–65 to +150
˚C
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
Characteristics
Symbol
MIN.
TYP.
MAX.
Unit
Test Conditions
Collector Cutoff Current
ICB0
0.1
µAVCB = 10 V, IE = 0
DC Current Gain
hFE
60
100
240
VCE = 5 V, IC = 2 mA
Gain Bandwidth Product
fT
700
1 000
MHz
VCE = 5 V, IC = 2 mA
Output Capacitance
Cob
0.55
1.0
pF
VCB = 5 V, IE = 0
Noise Figure
NF
3.0
4.8
dB
VCE = 5 V, IC = 2 mA, f = 900 MHz
Power Gain
Gpb
610
dB
VCE = 5 V, IC = 2 mA, f = 900 MHz
Collector Saturation Voltage
VCE(sat)
0.5
V
IC = 10 mA, IB = 1 mA
hFE Classification
Rank
U16
U17
U18
Marking
U16
U17
U18
hFE
60 to 120
90 to 180
120 to 240
Document No. P11188EJ4V0DS00 (4th edition)
(Previous No. TC-1432A)
Date Published February 1996 P
Printed in Japan
PACKAGE DIMENSIONS
in millimeters
2.1 ± 0.1
1.25 ± 0.1
2
1
3
Marking
PIN CONNECTIONS
1. Emitter
2. Base
3. Collector


Similar Part No. - 2SC4183

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4183 RENESAS-2SC4183 Datasheet
174Kb / 8P
SILICON TRANSISTOR
1984
More results

Similar Description - 2SC4183

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4184 NEC-2SC4184 Datasheet
38Kb / 6P
UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4185 NEC-2SC4185 Datasheet
44Kb / 6P
UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4568 NEC-2SC4568 Datasheet
51Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR UHF TV TUNER OSC/MIXER
2SC4569 NEC-2SC4569 Datasheet
51Kb / 8P
UHF TV TUNER OSC/MIXER NPN SILICON EPITAXIAL TRANSISTOR
2SC4570 NEC-2SC4570 Datasheet
66Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4571 NEC-2SC4571 Datasheet
67Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
logo
Toshiba Semiconductor
2SC4244 TOSHIBA-2SC4244 Datasheet
181Kb / 4P
NPN EPITAXIAL PLANAR TYPE (UHF TV TUNER RF AMPLIFIER APPLICATIONS)
HN3C02FU TOSHIBA-HN3C02FU Datasheet
92Kb / 1P
NPN EPITAXIAL PLANAR TYPE (TV TUNER, UHF CONVERTER, UHF RF AMPLIFIER APPLICATIONS)
HN3C03FU TOSHIBA-HN3C03FU Datasheet
91Kb / 1P
NPN EPITAXIAL PLANAR TYPE (TV TUNER, UHF CONVERTER, UHF RF AMPLIFIER APPLICATIONS)
2SC4214 TOSHIBA-2SC4214_07 Datasheet
517Kb / 5P
Silicon NPN Planar Type UHF TV Tuner RF Amplifier Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com