Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EAEVALEDIP320B Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # EAEVALEDIP320B
Description  EVALUATION-BOARD for eDIP-series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAEVALEDIP320B Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button EAEVALEDIP320B Datasheet HTML 7Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 8Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 9Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 10Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 11Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 12Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 13Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 14Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
EA9777-3
Page 11
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
Pin
9777-2
Symbol
Function
Pin
eDIP
1
GND
Ground potential for logic (0V)
1
2
VDD
Power supply for logic (3.3V ... 5V)
2
3
MOSI
Serial in
7
4
MISO
Serial out
8
5
CLK
Shift clock
9
6
SS
Slave select
6
7
SBUF
data in sendbuffer (low)
20
DIP-Switch setting: RS232, RS485, RS232
CMOS (EA 9777-2PE)
The DIP-Swich settings can be found in the
table depending on the desired mode.
The first three switches change the
baudrate, the last three the adress of the
eDIP.
For further information on the interface and
data transfer please refer to the respective
data sheet of the eDIP.
SPI
DIP-Switch setting: SPI-Interface (EA 9777-2PE)
The DIP-Swich settings can be
found in the table depending on the
desired mode.
DIP-Swicht 2 and 3 are connected
to CPHA and CPOL. Data order is
acuated by the first switch.
For further information on the
interface and data transfer please
refer to the respective data sheet of
the eDIP.
Pin connector EA 9777-3USB
*1)
*1)
*1)
*1)
*1):Default setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com