Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMBT9922 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMBT9922
Description  PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMBT9922 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMBT9922 Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D
S30126 Rev. 2P-5
1 of 1
DMBT9922
DMBT9922
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
·
Epitaxial Planar Die Construction
·
Ideal for Medium Power Amplification and
Switching
·
High Current Gain
·
Complement to DMBT9022
Characteristic
Symbol
DMBT9922
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current - Continuous (Note 1)
IC
-100
mA
Power Dissipation (Note 1)
Pd
225
mW
Thermal Resistance, Junction to Ambient (Note 1)
RqJA
556
K/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
Features
Maximum Ratings
@ TA = 25
°C unless otherwise specified
A
E
J
L
M
B C
H
G
D
K
TOP VIEW
C
E
B
Mechanical Data
·
Case: SOT-23, Molded Plastic
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Terminal Connections: See Diagram
·
Marking: K2S
·
Weight: 0.008 grams (approx.)
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.19
1.40
C
2.10
2.50
D
0.89
1.05
E
0.45
0.61
G
1.78
2.05
H
2.65
3.05
J
0.013
0.15
K
0.89
1.10
L
0.45
0.61
M
0.076
0.178
All Dimensions in mm
Notes:
1. Valid provided that terminals are kept at ambient temperature.
2. Pulse test: Pulse width
£ 300ms, duty cycle £ 2%.
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 2)
Collector-Base Breakdown Voltage
V(BR)CBO
-50
¾
V
-IC = 50
mA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-40
¾
V
-IC = 1.0mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5.0
¾
V
-IE = 50
mA, IC = 0
Collector Cutoff Current
ICBO
¾
-500
nA
VCB = -30V
Emitter Cutoff Current
IEBO
¾
-500
nA
VEB = -4.0V
ON CHARACTERISTICS (Note 2)
DC Current Gain
hFE
300
600
¾
IC = -1.0mA, VCE = -6.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
¾
-0.5
V
IC = -50mA, IB = -5.0mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
2.0 Typ.
3.5
pF
VCB = -12V, f = 1.0MHz, IE = 0
Current Gain-Bandwidth Product
fT
140 Typ.
¾
MHz
VCE = -12V, IC = -2.0mA,
f = 100MHz


Similar Part No. - DMBT9922

ManufacturerPart #DatasheetDescription
logo
Dc Components
DMBT9012 DCCOM-DMBT9012 Datasheet
229Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
DMBT9013 DCCOM-DMBT9013 Datasheet
229Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DMBT9014 DCCOM-DMBT9014 Datasheet
229Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DMBT9015 DCCOM-DMBT9015 Datasheet
227Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
DMBT9018 ETC1-DMBT9018 Datasheet
227Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - DMBT9922

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMST2907A DIODES-MMST2907A Datasheet
54Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30081 Rev. 3 - 2
MMSTA92 DIODES-MMSTA92 Datasheet
46Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 3 - 2
BC856A_ DIODES-BC856A_ Datasheet
269Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
MMST4126 DIODES-MMST4126_1 Datasheet
82Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30161 Rev. 6 - 2
MMST5401 DIODES-MMST5401_1 Datasheet
209Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30170 Rev. 8 - 2
MMSTA92 DIODES-MMSTA92_1 Datasheet
77Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 8 - 2
MMBT2907AT DIODES-MMBT2907AT_1 Datasheet
353Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30269 Rev. 7 - 2
BC857AT DIODES-BC857AT_1 Datasheet
353Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30275 Rev. 8 - 2
DP350T05 DIODES-DP350T05 Datasheet
82Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30624 Rev. 6 - 2
BC856A DIODES-BC856A_2 Datasheet
119Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 19 - 2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com