Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC4225 Datasheet(PDF) 6 Page - NEC

Part # 2SC4225
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4225 Datasheet(HTML) 6 Page - NEC

  2SC4225 Datasheet HTML 1Page - NEC 2SC4225 Datasheet HTML 2Page - NEC 2SC4225 Datasheet HTML 3Page - NEC 2SC4225 Datasheet HTML 4Page - NEC 2SC4225 Datasheet HTML 5Page - NEC 2SC4225 Datasheet HTML 6Page - NEC 2SC4225 Datasheet HTML 7Page - NEC 2SC4225 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC4225
6
VCE = 10 V, IC = 3 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.875
–33.4
9.048
153.5
0.043
73.6
0.939
–16.6
200.00
0.754
–59.7
7.600
134.2
0.070
60.9
0.812
–27.2
300.00
0.618
–81.5
6.193
118.5
0.090
51.8
0.683
–35.4
400.00
0.537
–97.9
5.145
109.1
0.100
49.8
0.592
–37.9
500.00
0.480
–112.0
4.332
100.3
0.107
47.1
0.513
–39.2
600.00
0.446
–126.0
3.866
95.6
0.117
47.9
0.475
–39.6
700.00
0.415
–138.4
3.396
87.4
0.123
47.4
0.440
–39.5
800.00
0.395
–148.8
3.208
83.4
0.133
47.8
0.422
–40.8
900.00
0.386
–157.5
2.834
77.4
0.138
50.4
0.404
–41.7
1000.00
0.389
–165.9
2.612
73.0
0.146
50.2
0.383
–44.2
1100.00
0.395
–174.5
2.395
69.7
0.155
53.0
0.367
–46.3
1200.00
0.393
176.5
2.247
64.9
0.166
52.9
0.345
–48.3
1300.00
0.390
170.4
2.141
61.1
0.179
53.3
0.328
–49.9
1400.00
0.387
165.9
1.953
57.4
0.183
53.2
0.312
–51.6
1500.00
0.405
161.7
1.837
52.7
0.194
52.7
0.302
–53.7
1600.00
0.422
157.4
1.731
51.9
0.201
55.9
0.294
–56.6
1700.00
0.436
151.6
1.633
49.2
0.212
55.4
0.283
–60.1
1800.00
0.449
146.9
1.622
47.0
0.230
57.3
0.269
–64.8
1900.00
0.455
143.2
1.567
43.7
0.246
56.4
0.258
–68.7
2000.00
0.466
140.0
1.547
38.4
0.262
54.4
0.247
–73.2
VCE = 10 V, IC = 10 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.636
–58.6
19.263
135.2
0.034
68.1
0.778
–31.8
200.00
0.461
–92.8
12.924
113.7
0.050
61.0
0.547
–41.7
300.00
0.360
–115.8
9.312
101.0
0.064
58.7
0.416
–45.1
400.00
0.314
–132.4
7.156
94.5
0.076
61.3
0.346
–43.7
500.00
0.294
–145.2
5.814
88.7
0.087
62.1
0.299
–42.2
600.00
0.286
–157.4
5.056
86.1
0.101
64.8
0.275
–40.6
700.00
0.278
–167.8
4.365
80.1
0.114
64.1
0.256
–39.5
800.00
0.277
–175.4
3.962
77.0
0.130
64.0
0.243
–39.8
900.00
0.280
178.6
3.421
72.6
0.142
65.2
0.231
–40.8
1000.00
0.293
173.1
3.271
69.6
0.157
63.4
0.216
–42.5
1100.00
0.309
166.9
2.988
67.2
0.170
64.6
0.204
–44.5
1200.00
0.314
159.8
2.788
63.4
0.184
62.7
0.188
–46.7
1300.00
0.317
155.2
2.649
60.0
0.202
62.0
0.174
–48.4
1400.00
0.319
152.1
2.406
57.1
0.209
60.5
0.159
–50.4
1500.00
0.337
149.4
2.256
52.9
0.224
58.5
0.150
–52.9
1600.00
0.353
146.6
2.121
52.6
0.233
60.1
0.140
–56.5
1700.00
0.369
142.5
2.000
50.5
0.246
58.8
0.130
–61.1
1800.00
0385
139.2
1.978
48.6
0.265
59.3
0.115
–68.5
1900.00
0.394
136.3
1.912
45.6
0.283
57.1
0.104
–75.1
2000.00
0.408
133.8
1.880
40.6
0.300
54.5
0.096
–83.3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com