Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC4088 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LPC4088
Description  OEM Board DS rev A DS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LPC4088 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LPC4088 Datasheet HTML 1Page - List of Unclassifed Manufacturers LPC4088 Datasheet HTML 2Page - List of Unclassifed Manufacturers LPC4088 Datasheet HTML 3Page - List of Unclassifed Manufacturers LPC4088 Datasheet HTML 4Page - List of Unclassifed Manufacturers LPC4088 Datasheet HTML 5Page - List of Unclassifed Manufacturers LPC4088 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Embedded Artists AB
Davidshallsgatan 16
SE-211 45 Malmö
Sweden
Phone/Fax: +46 (0)40-611 00 93
E-mail: info@embeddedartists.com
http://www.embeddedartists.com
© Copyright 2012 Embedded Artists AB. All rights reserved. All other products or service names mentioned herein are
trademarks of their respective holders and should be treated as such.
Privacy policy: http://www.embeddedartists.com/privacy.php
Legal: http://www.embeddedartists.com/legal.php
Embedded Artists’
LPC4088 OEM Board DS rev A DS
The Art of Embedded Systems Development – made Easy™
Document status: Preliminary
Absolute Maximum Ratings
Stress above these limits may cause permanent damage to the board.
Technical Data
[1] Extended temperature range can be supplied on request. Subject to minimum order volume.
[2] Will be defined after a characterization process.
Mechanical Dimensions
Board width according to SO-DIMM standard: 67.6 mm.
Board height and depth according to picture below:
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devices and circuit boards can
discharge without detection. Although this product features ESD protection damages may
occur on devices subjected to high energy ESD. Therefore, proper ESD precaution should be
taken to avoid performance degradation or loss of functionality.
Parameter
Rating
VDD to GND (Supply voltage)
-0.5V to +3.6V
General for Digital/Analog Input/Output Voltage
+5V tolerant pins on LPC4088
-0.5V to VDD+0.5V
-0.5V to +6.0V (see LPC4088 DS for details)
Storage temperature
-40°C to 100°C
Parameter
Min
Typical
Max
Supply voltage (VDD to GND)
Ripple with frequency contents < 100kHz
Ripple with frequency contents ≥ 100kHz
3.10V
3.30V
3.50V
50mV
10mV
Supply current
- idle, 32kHz RTC active
- low-power mode
- executing from internal flash (120MHz)
- executing from external sdram (120MHz)
- Ethernet+usb active
TBD[2]
TBD[2]
TBD[2]
TBD[2]
TBD[2]
Max observed
VBAT current
TBD[2]
Operating temperature[1]
TBD[2]
Relative Humidity (RH)
0°C < TA ≤ 50°C, non-condensing
50°C < TA ≤ 60°C, non-condensing
60°C < TA ≤ 70°C, non-condensing
5%
5%
5%
80%
50%
35%
Top side components
Bottom side components
50.0 mm
5.0 mm
2.0 mm
2.0 mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com