Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB35 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MB35
Description  HIGH CURRENT SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MB35 Datasheet(HTML) 2 Page - Diodes Incorporated

  MB35 Datasheet HTML 1Page - Diodes Incorporated MB35 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS21303 Rev. 6 - 3
2 of 2
MB15(W)/25(W)/35(W)
0
5
10
15
20
25
30
35
40
0
20
40
60
80
100
AMBIENT TEMPERATURE (ºC)
Fig. 1 Maximum Output Rectified Current
60Hz Resistive or Inductive Load
MB35
R S-A = 0.5ºC/W
th
MB15
R S-A = 1.0ºC/W
th
MB25
R S-A = 0.5ºC/W
th
0
100
200
300
400
500
1.0
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 4 Maximum Non-Repetitive Peak Forward
Surge current
MB35
MB25, MB15
0.01
0.1
1.0
10
0
20
40
60
80
100 120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE
Fig. 3 Typical Reverse Characteristics
T = 100ºC
C
T = 25ºC
A
0
5
10
15
20
25
30
35
40
0
50
100
150
200
CASE TEMPERATURE (ºC)
Fig. 2 Maximum Output Rectified Current
23X9X11.8 cm Wing Plate
60 Hz Resistive or Inductive
MB35
MB25
MB15
NOT RECOMMENDED FOR NEW DESIGNS,
USE GBPC15/W, GBPC25/W, OR GBPC35/W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com