Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSM-3X Datasheet(PDF) 1 Page - ECS, Inc.

Part # CSM-3X
Description  Quartz Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

CSM-3X Datasheet(HTML) 1 Page - ECS, Inc.

  CSM-3X Datasheet HTML 1Page - ECS, Inc. CSM-3X Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSM-3X
Quartz Crystal
The CSM-3X is the miniature low profile resistance weld type
SMD quartz crystal. Reduces footprint of CSM-7X (HC-49USX
SMD) by 50%.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PARAMETERS
CONDITIONS
CSM-3X
MIN
TYP
FREQUENCY RANGE (MHz)
FREQUENCY RANGE (MHz) MODE OF OSC
MODE OF OSC
MAX ESR Ω
MAX ESR Ω
MAX
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
EQUIVALENT SERIES RESISTANCE/MODE OF OSCILLATION
UNITS
fo
Co
Specify in P/N
Standard
@ +25°C ±3°C
at +25°C
Standard -10 to +70°C
Frequency Range
Operating Temperature
Storage Temperature
Aging (First Year)
Frequency Tolerance
Frequency Stability ref @+25°C
Shunt Capacitance
Load Capacitance (CL)
Drive Level
12.000
10
MHz
°C
°C
pF
pF
µW
ppm
ppm
ppm
12.000 ~ 15.999
16.000 ~ 29.999
30.000 ~ 40.000
40.000
± 30
± 50
7
Series
100
-10
-40
+70
+85
±5
Fundamental
Fundamental
Fundamental
60
50
40
PACKAGE DIMENSIONS (mm)
Figure 1) Top, Side, Bottom and Land Pattern
CSM-3X
CSM-7X
Actual Size
* Consult ECS for available temp range options
Figure 2) Size Comparison
PART NUMBERING GUIDE: Example ECS-200-20-3X-TR
Custom Options
Cost effective
Low profile
Pb Free/RoHS Compliant
ECS - Frequency Abbreviation - Load Capacitance - Package
Tolerance
Stability
Temp Range
-
Packaging
3X = CSM-3X
-TR
Tape & Reel
3K/Reel
A= ±25 ppm
C= ±10 ppm
D= ±100 ppm
E= ±50 ppm
G= ±30 ppm
H= ±25 ppm
*K= ±10 ppm
L= -10 ~ +70°C
M= -20 ~ +70°C
N= -40 ~ +85°C
200 = 20.000 MHz
See P/N Guide
20 =20 pF
S=Series
20


Similar Part No. - CSM-3X

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
CSM-3X ECS-CSM-3X Datasheet
586Kb / 2P
The CSM-3X is the miniature low profile resistance weld type SMD quartz crystal
CSM-3X ECS-CSM-3X_17 Datasheet
586Kb / 2P
The CSM-3X is the miniature low profile resistance weld type SMD quartz crystal
More results

Similar Description - CSM-3X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC-49US ETC1-HC-49US Datasheet
216Kb / 1P
QUARTZ CRYSTAL
logo
ECS, Inc.
HC-49U ECS-HC-49U Datasheet
157Kb / 1P
QUARTZ CRYSTAL
HC-49US ECS-HC-49US Datasheet
216Kb / 1P
QUARTZ CRYSTAL
logo
Jauch Quartz Gmbh
SMQ32 JAUCH-SMQ32 Datasheet
108Kb / 2P
Quartz Crystal
SM26F JAUCH-SM26F Datasheet
79Kb / 1P
Quartz Crystal
JXE63 JAUCH-JXE63 Datasheet
67Kb / 2P
Quartz Crystal
JXE115 JAUCH-JXE115 Datasheet
65Kb / 2P
Quartz Crystal
HC49-U-SMC JAUCH-HC49-U-SMC Datasheet
151Kb / 2P
Quartz Crystal
logo
IQD Frequency Products ...
LFXTAL003000 IQD-LFXTAL003000 Datasheet
795Kb / 1P
Quartz Crystal
logo
AiT Semiconductor Inc.
KSS1210 AITSEMI-KSS1210 Datasheet
220Kb / 1P
QUARTZ CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com