Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBR845 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MBR845
Description  8.0A SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR845 Datasheet(HTML) 1 Page - Diodes Incorporated

  MBR845 Datasheet HTML 1Page - Diodes Incorporated MBR845 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S30030 Rev. B-4
1 of 2
MBR830-MBR860
MBR830 - MBR860
8.0A SCHOTTKY BARRIER RECTIFIER
Features
L
M
A
N
P
D
E
K
C
B
J
G
R
Pin 1
12
Pin 2
Case
TO-220AC
Dim
Min
Max
A
14.22
15.88
B
9.65
10.67
C
2.54
3.43
D
5.84
6.86
E
¾
6.35
G
12.70
14.73
J
0.51
1.14
K
3.53
Æ 4.09Æ
L
3.56
4.83
M
1.14
1.40
N
0.30
0.64
P
2.03
2.92
R
4.83
5.33
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Schottky Barrier Chip
·
Guard Ring Die Construction for
Transient Protection
·
Low Power Loss, High Efficiency
·
High Surge Capability
·
High Current Capability and Low Forward
Voltage Drop
·
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Application
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: See Diagram
·
Weight: 2.24 grams (approx.)
·
Mounting Position: Any
·
Marking: Type Number
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
MBR
830
MBR
835
MBR
840
MBR
845
MBR
850
MBR
860
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
50
60
V
RMS Reverse Voltage
VR(RMS)
21
24.5
28
31.5
35
42
V
Average Rectified Output Current
(Note 1)
@ TC = 125
°C
IO
8.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
150
A
Repetitive Peak Reverse Surge Current
@ t
£ 2.0ms
IRRM
1.0
A
Forward Voltage Drop
@ IF = 8.0A, TC = 125
°C
@ IF = 8.0A, TC = 25
°C
@ IF = 16A, TC = 25
°C
VFM
0.57
0.70
0.84
0.70
0.80
0.95
V
Peak Reverse Current
@ TC = 25
°C
at Rated DC Blocking Voltage
@ TC = 125
°C
IRM
0.1
15
mA
Typical Junction Capacitance (Note 2)
Cj
250
pF
Typical Thermal Resistance Junction to Case (Note 1)
RqJC
3.0
K/W
Voltage Rate of Change (Rated VR)
dV/dt
1000
V/
ms
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Thermal resistance junction to case mounted on heatsink.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.


Similar Part No. - MBR845

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR845 ONSEMI-MBR845 Datasheet
138Kb / 4P
Axial Lead Rectifiers
September, 2006 ??Rev. 2
logo
Sirectifier Semiconduct...
MBR845 SIRECTIFIER-MBR845 Datasheet
80Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
Pan Jit International I...
MBR845 PANJIT-MBR845 Datasheet
84Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Rugao Dachang Electroni...
MBR845 DACHANG-MBR845 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
logo
Shenzhen Luguang Electr...
MBR845 LUGUANG-MBR845 Datasheet
234Kb / 2P
Schottky Barrier Rectifiers
More results

Similar Description - MBR845

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB820 WTE-SB820 Datasheet
37Kb / 3P
8.0A SCHOTTKY BARRIER RECTIFIER
SB820F WTE-SB820F Datasheet
39Kb / 3P
8.0A ISOLATION SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR870L DIODES-MBR870L Datasheet
63Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIER
DS30029 Rev. B-4
SBL830 DIODES-SBL830_1 Datasheet
75Kb / 3P
8.0A SCHOTTKY BARRIER RECTIFIER
DS23044 Rev. 4 - 2
logo
Won-Top Electronics
SB820 WTE-SB820_06 Datasheet
50Kb / 4P
8.0A SCHOTTKY BARRIER RECTIFIER
SB820CT WTE-SB820CT Datasheet
50Kb / 4P
8.0A DUAL SCHOTTKY BARRIER RECTIFIER
SB820F WTE-SB820F_06 Datasheet
50Kb / 4P
8.0A SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR830 KERSEMI-MBR830 Datasheet
428Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIER
MBR835 KERSEMI-MBR835 Datasheet
428Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIER
MBR860 KERSEMI-MBR860 Datasheet
428Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com