Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RV-50V470MG10-R Datasheet(PDF) 2 Page - Altera Corporation

Part # RV-50V470MG10-R
Description  RV Vertical Chip Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

RV-50V470MG10-R Datasheet(HTML) 2 Page - Altera Corporation

  RV-50V470MG10-R Datasheet HTML 1Page - Altera Corporation RV-50V470MG10-R Datasheet HTML 2Page - Altera Corporation RV-50V470MG10-R Datasheet HTML 3Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This catalog printed in U.S.A. on 1/2001.
Specification and dimensions in this catalog are subject to change without notice.
If necessary, drawings can be provided.
10
22
33
47
68
100
220
330
470
1000
WV(V)
6.3
10
16
25
35
50
63
100
Cap.(
µF)
27
ELNA PART NO. / WV (V)
CAP.
SIZE (
φ x L)
tan
δ
(
µF)
(mm)
ELNA PART NO. / WV (V)
CAP.
SIZE (
φ x L)
tan
δ
(
µF)
(mm)
RV
Vertical Chip Electrolytic Capacitors
Standard Ratings
Ripple
Current
(mArms)
Ripple
Current
(mArms)
ESR
(
Ω)
ESR
(
Ω)
6.3 V
RV-6V221MG68-R
220
8 x 6.5
0.28
2.1
155
RV-6V331MG68-R
330
8 x 6.5
0.28
1.4
155
RV-6V471MG10-R
470
8 x 10
0.28
0.99
252
RV-6V102MH10-R
1000
10 x 10
0.28
0.46
458
10 V
RV-10V101MG68-R
100
8 x 6.5
0.24
4.0
155
RV-10V221MG68-R
220
8 x 6.5
0.24
1.8
155
RV-10V331MG10-R
330
8 x 10
0.24
1.2
252
RV-10V471MH10-R
470
10 x 10
0.24
0.85
458
16 V
RV-16V101MG68-R
100
8 x 6.5
0.20
3.3
155
RV-16V221MG10-R
220
8 x 10
0.20
1.5
252
RV-16V331MG10-R
330
8 x 10
0.20
1.0
252
RV-16V471MH10-R
470
10 x 10
0.20
0.71
458
25 V
RV-25V470MG68-R
47
8 x 6.5
0.14
4.9
155
RV-25V101MG68-R
100
8 x 6.5
0.14
2.3
155
RV-25V221MG10-R
220
8 x 10
0.14
1.1
252
RV-25V331MH10-R
330
10 x 10
0.14
0.70
458
35 V
RV-35V330MG68-R
33
8 x 6.5
0.12
6.0
155
RV-35V470MG68-R
47
8 x 6.5
0.12
4.2
155
RV-35V101MG10-R
100
8 x 10
0.12
2.0
252
RV-35V221MH10-R
220
10 x 10
0.12
0.91
458
50 V
RV-50V220MG68-R
22
8 x 6.5
0.10
7.5
155
RV-50V330MG68-R
33
8 x 6.5
0.10
5.0
155
RV-50V470MG10-R
47
8 x 10
0.10
3.5
252
RV-50V101MH10-R
100
10 x 10
0.10
1.7
458
63 V
RV-63V220MG10-R
22
8 x 10
0.10
7.5
139
RV-63V330MG10-R
33
8 x 10
0.10
5.0
139
RV-63V470MH10-R
47
10 x 10
0.10
3.5
226
RV-63V680MH10-R
68
10 x 10
0.10
2.4
226
100 V
RV-100V100MG10-R
10
8 x 10
0.10
16.6
94
RV-100V220MH10-R
22
10 x 10
0.10
7.5
189
RV-100V330MH10-R
33
10 x 10
0.10
5.0
189
Case size by working voltage & capacitance (in mm)
8 x 6.5
8 x 6.5
8 x 10
10 x 10
8 x 6.5
8 x 6.5
8 x 10
10 x 10
8 x 6.5
8 x 10
8 x 10
10 x 10
8 x 6.5
8 x 6.5
8 x 10
10 x 10
8 x 6.5
8 x 6.5
8 x 10
10 x 10
8 x 6.5
8 x 6.5
8 x 10
10 x 10
8 x 10
8 x 10
10 x 10
10 x 10
8 x 10
10 x 10
10 x 10
(mm)
Note: ESR 120 Hz at 20
°C
Allowable Ripple Current 120 Hz at 85
°C
25



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com